Electronic Components Datasheet Search
  English  ▼

X  

AH49F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AH49F
Description  LINEAR HALL EFFECT IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH49F Datasheet(HTML) 1 Page - Diodes Incorporated

  AH49F Datasheet HTML 1Page - Diodes Incorporated AH49F Datasheet HTML 2Page - Diodes Incorporated AH49F Datasheet HTML 3Page - Diodes Incorporated AH49F Datasheet HTML 4Page - Diodes Incorporated AH49F Datasheet HTML 5Page - Diodes Incorporated AH49F Datasheet HTML 6Page - Diodes Incorporated AH49F Datasheet HTML 7Page - Diodes Incorporated AH49F Datasheet HTML 8Page - Diodes Incorporated AH49F Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AH49F
Document number: DS36518
Rev. 2 - 2
1 of 12
www.diodes.com
June 2014
© Diodes Incorporated
AH49F
A Product Line of
Diodes Incorporated
LINEAR HALL EFFECT IC
Description
The AH49F is a small, versatile linear Hall-effect device that is
operated by the magnetic field from a permanent magnet or an
electromagnet. The output voltage is set by the supply voltage and
varies in proportion to the strength of the magnetic field.
The integrated circuitry features low noise output, which makes it
unnecessary to use external filtering components. It also includes
precision resistors to provide increased temperature stability and
accuracy. The operating temperature range of these linear Hall
sensors is -40°C to +105°C, appropriate for commercial, consumer,
and industrial environments.
The AH49F is available in standard TO-92S, SC59 and U-DFN2020-6
packages.
Features
Power Consumption of 3.0mA at VCC = 5V for Energy Efficiency
Single Current Sourcing Output
Linear Voltage Output for Circuit Design Flexibility
Low Noise Output Virtually Eliminates the Need for Filtering
A Stable and Accurate Output
Temperature Range: -40°C to +105°C
Responds to Either Positive or Negative Gauss
The Maximum Instantaneous Supply Voltage Up to 50V
High ESD Rating: 6000V (Human Body Model)
600V (Machine Model)
Small low profile U-DFN2020-6 and Industry Standard SC59 and
TO-92S Packages
Totally Lead-free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free.
“Green” Device (Note 3)
Pin Assignments
(Front View)
TO-92S
SC59
(Top View)
1
OUT
NC
VCC
NC
NC
GND
2
3
4
5
6
U-DFN2020-6
Applications
Position Sensing
Liquid Level Sensing
Weight Sensing
Ferrous Metal Detector
Vibration Sensing
Rotary Encoder
Magnetic Code Reading
Motor Control
Current Sensing
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
VCC
GND
OUT
3
2
1
GND
VCC
OUT
(Top View)


Similar Part No. - AH49F

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH49F BCDSEMI-AH49F Datasheet
294Kb / 10P
LINEAR HALL EFFECT IC Miniature Construction
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
AH49FQ-W-7 DIODES-AH49FQ-W-7 Datasheet
814Kb / 9P
LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
More results

Similar Description - AH49F

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH49E BCDSEMI-AH49E Datasheet
133Kb / 8P
LINEAR HALL-EFFECT IC
logo
Nanjing Ouzhuo Technolo...
OH49F OHHALLSENSOR-OH49F Datasheet
155Kb / 3P
LINEAR HALL-EFFECT IC
OH49F-S OHHALLSENSOR-OH49F-S Datasheet
189Kb / 4P
LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49H DIODES-AH49H Datasheet
421Kb / 10P
LINEAR HALL EFFECT IC
Rev 1.2
AH49E DIODES-AH49E Datasheet
601Kb / 10P
LINEAR HALL-EFFECT IC
Rev 1
logo
Zhaoxingwei Electronics...
AH49FNTR-G1 ZHAOXINGWEI-AH49FNTR-G1 Datasheet
1,018Kb / 9P
Linear Hall-Effect IC
logo
Winson Semiconductor Co...
WSH138 WINSON-WSH138 Datasheet
256Kb / 5P
Linear Hall Effect Sensor IC
logo
Micronas
HAL411 MICRONAS-HAL411 Datasheet
1Mb / 18P
Linear Hall-Effect Sensor IC
logo
Nanjing Ouzhuo Technolo...
OH49E OHHALLSENSOR-OH49E Datasheet
238Kb / 3P
LINEAR HALL-EFFECT IC
logo
Diodes Incorporated
AH49FQ DIODES-AH49FQ Datasheet
814Kb / 9P
LINEAR HALL EFFECT IC
January 2023 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com