Electronic Components Datasheet Search
  English  ▼

X  

74HCT14 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # 74HCT14
Description  HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT14 Datasheet(HTML) 2 Page - Diodes Incorporated

  74HCT14 Datasheet HTML 1Page - Diodes Incorporated 74HCT14 Datasheet HTML 2Page - Diodes Incorporated 74HCT14 Datasheet HTML 3Page - Diodes Incorporated 74HCT14 Datasheet HTML 4Page - Diodes Incorporated 74HCT14 Datasheet HTML 5Page - Diodes Incorporated 74HCT14 Datasheet HTML 6Page - Diodes Incorporated 74HCT14 Datasheet HTML 7Page - Diodes Incorporated 74HCT14 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
74HCT14
Document number: DS35333 Rev. 2 - 2
2 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74HCT14
Pin Descriptions
Pin
Number
Pin Name
Function
1
1A
Data Input
2
1Y
Data Output
3
2A
Data Input
4
2Y
Data Output
5
3A
Data Input
6
3Y
Data Output
7
GND
Ground
8
4Y
Data Output
9
4A
Data Input
10
5Y
Data Output
11
5A
Data Input
12
6Y
Data Output
13
6A
Data Input
14
VCC
Supply Voltage
Logic Diagram
1
2
1Y
1A
3
4
2Y
2A
5
6
3Y
3A
9
8
4Y
4A
11
10
5Y
5A
13
12
6Y
6A
Function Table
Input
Output
A
Y
H
L
L
H



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com