Electronic Components Datasheet Search
  English  ▼

X  

74HC126 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 74HC126
Description  QUADRUPLE 3-STATE BUFFERS OE HIGH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC126 Datasheet(HTML) 4 Page - Diodes Incorporated

  74HC126 Datasheet HTML 1Page - Diodes Incorporated 74HC126 Datasheet HTML 2Page - Diodes Incorporated 74HC126 Datasheet HTML 3Page - Diodes Incorporated 74HC126 Datasheet HTML 4Page - Diodes Incorporated 74HC126 Datasheet HTML 5Page - Diodes Incorporated 74HC126 Datasheet HTML 6Page - Diodes Incorporated 74HC126 Datasheet HTML 7Page - Diodes Incorporated 74HC126 Datasheet HTML 8Page - Diodes Incorporated 74HC126 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74HC126
Document number: DS35327 Rev. 3 - 2
4 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74HC126
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-level Input Voltage
2.0V
1.5
1.5
V
4.5V
3.15
3.15
6.0V
4.2
4.2
VIL
Low-level input voltage
2.0V
0.5
0.5
V
4.5V
1.35
1.35
6.0V
1.8
1.8
VOH
High-level Output Voltage
IOH = -20μA
2.0V
1.9
1.9
V
IOH = -20μA
4.5V
4.4
4.4
IOH = -20μA
6.0V
5.9
5.9
IOH = -4.0mA
4.5V
3.84
3.7
IOH = -5.2mA
6.0V
5.34
5.2
VOL
Low-level Output Voltage
IOL = 20μA
2.0V
0.1
0.1
V
IOL = 20μA
4.5V
0.1
0.1
IOL = 20μA
6.0V
0.1
0.1
IOL = 4mA
4.5V
0.33
0.44
IOL = 5.2mA
6.0V
0.33
0.44
IOZ
Z State Leakage Current
VO = 0 to 6.0V
VI = GND or 6.0V
6.0V
± 5.0
± 10
μA
II
Input Current
VI = GND to 5.5V
6.0V
± 1
± 1
μA
ICC
Supply Current
VI = GND or VCC, IO=0
6.0V
20
40
μA
Switching Characteristics
Symbol
Parameter
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Max
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 50pF
2.0V
—
30
100
125
150
ns
4.5V
—
11
20
25
30
6.0V
—
9
17
21
26
tEN
Enable Time
OEN to YN
Figure 1
CL = 50pF
2.0V
—
41
125
155
190
ns
4.5V
—
15
25
31
38
6.0V
—
12
21
26
32
tDIS
Disable Time
OEN to YN
Figure 1
CL = 50pF
2.0V
—
41
125
155
190
ns
4.5V
—
15
25
31
38
6.0V
—
12
21
26
32
tt
Transition Time
Figure 1
CL = 50pF
2.0V
—
14
60
75
90
ns
4.5V
—
5
12
15
18
6.0V
—
4
10
13
15
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC = 6V
Unit
Typ
Cpd
Power Dissipation
Capacitance per Gate
f = 1 MHz
22
pF
CI
Input Capacitance
VI = VCC – or GND
4
pF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com