Electronic Components Datasheet Search
  English  ▼

X  

74HC14 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74HC14
Description  HEX INVERTERS WITH SCHMITT TRIGGER INPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC14 Datasheet(HTML) 5 Page - Diodes Incorporated

  74HC14 Datasheet HTML 1Page - Diodes Incorporated 74HC14 Datasheet HTML 2Page - Diodes Incorporated 74HC14 Datasheet HTML 3Page - Diodes Incorporated 74HC14 Datasheet HTML 4Page - Diodes Incorporated 74HC14 Datasheet HTML 5Page - Diodes Incorporated 74HC14 Datasheet HTML 6Page - Diodes Incorporated 74HC14 Datasheet HTML 7Page - Diodes Incorporated 74HC14 Datasheet HTML 8Page - Diodes Incorporated 74HC14 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
74HC14
Document number: DS35323 Rev. 2 - 2
5 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74HC14
Parameter Measurement Information
Vcc
Inputs
VM
CL
VI
tr/tf
2.0V to 6.0V
VCC
6ns
VCC/2
15pF, 50pF
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Notes: A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 1 MHz
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.
Figure 1 Load Circuit and Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com