Electronic Components Datasheet Search
  English  ▼

X  

74AHC32 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74AHC32
Description  QUADRUPLE 2-INPUT OR GATES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC32 Datasheet(HTML) 3 Page - Diodes Incorporated

  74AHC32 Datasheet HTML 1Page - Diodes Incorporated 74AHC32 Datasheet HTML 2Page - Diodes Incorporated 74AHC32 Datasheet HTML 3Page - Diodes Incorporated 74AHC32 Datasheet HTML 4Page - Diodes Incorporated 74AHC32 Datasheet HTML 5Page - Diodes Incorporated 74AHC32 Datasheet HTML 6Page - Diodes Incorporated 74AHC32 Datasheet HTML 7Page - Diodes Incorporated 74AHC32 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74AHC32
Document number: DS35343 Rev. 3 - 2
3 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC32
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
Δt/ΔV
Input Transition Rise or Fall Rate
VCC = 3.0V to 3.6V
100
ns/V
VCC = 4.5V to 5.5V
20
TA
Operating Free-Air Temperature
-40
+125
°C
Note: 5. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level Input Voltage
2.0V
1.5
1.5
V
3.0V
2.1
2.1
5.5V
3.85
3.85
VIL
Low-Level Input Voltage
2.0V
0.5
0.5
V
3.0V
0.9
0.9
5.5V
1.65
1.65
VOH
High-Level Output Voltage
IOH = -50μA
2.0V
1.9
1.9
V
IOH = -50μA
3.0V
2.9
2.9
IOH = -50μA
4.5V
4.4
4.4
IOH = -4mA
3.0V
2.48
2.40
IOH = -8mA
4.5V
3.80
3.70
VOL
Low-Level Output Voltage
IOL = 50μA
2.0V
0.1
0.1
V
IOL = 50μA
3.0V
0.1
0.1
IOL = 50μA
4.5V
0.1
0.1
IOL = 4mA
3.0V
0.44
0.55
IOL = 8mA
4.5V
0.44
0.55
II
Input Current
VI = GND to 5.5V
3.6V
±1
±2
μA
ICC
Supply Current
VI = GND or VCC, IO=0
3.6V
20
40
μA
Operating Characteristics
Parameter
Test
Conditions
VCC = 2.0V
VCC = 3.3V
VCC = 5V
Unit
Typ
Typ
Typ
Cpd
Power Dissipation
Capacitance per Gate
f = 1 MHz
9.7
11.0
14.9
pF
Ci
Input Capacitance
Vi = VCC – or
GND
4.0
4.0
4.0
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com