Electronic Components Datasheet Search
  English  ▼

X  

14064 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 14064
Description  PVC Insulation Boots
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

14064 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  14064 Datasheet HTML 1Page - List of Unclassifed Manufacturers 14064 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.elektron-bulgin.com
97
IEC CONNECTORS
97
97
97
97
Accessories
PNo 11328
PNo 12075
PNo 11987
PVC Insulation Boots
Protects Rear of Connector
Protects Against Accidental Electric
Shock
Specification
P.No. 11328
P.No. 11987
P.No. 12075
P.No. 14064
Insulation boot for
Insulation boot for
Insulation boot for
Insulation boot for
PX0575,
PF range
PX0675,
PX0596,
PX0579,
PF0001,
PX0695,
PX0598
PX0580,
PF0002,
PX0705,
PX0590,
PF0006,
PX0725,
PX0595
PF0007,
PX0783,
PF0011,
PX0793,
PF0016
PX0793/1
(except /PC versions)
(except /PC versions)
Operating Temp. Range:
–20˚C to +60˚C
–20˚C to +60˚C
–20˚C to +60˚C
–20˚C to +60˚C
Max. Working Voltage:
250V a.c.
250V a.c.
250V a.c.
250V a.c.
Flash Tested:
2kV a.c.
2kV a.c.
2kV a.c.
2kV a.c.
Material:
P.V.C.
P.V.C.
P.V.C.
P.V.C.
Flammability Rating:
UL94V-0
UL94V-0
UL94V-0
UL94V-0
Compliant
Compliant
Compliant
Compliant
PNo 14064
INSULATING BOOT
INSULATION BOOT
INSULATION BOOT
INSULATION BOOT
Conns2 - In-Outlets 2010:Conns2 - In/Outlets 2005v2
8/6/10
16:45
Page 97


Similar Part No. - 14064

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
14064 FESTO-14064 Datasheet
87Kb / 1P
Flat cylinder
logo
PHOENIX CONTACT
1406400 PHOENIX-1406400 Datasheet
97Kb / 3P
Patch cable - VS-PNRJ45-PNRJ45-93B-1,5
1406401 PHOENIX-1406401 Datasheet
360Kb / 8P
VS-PNRJ45-PNRJ45-93B-3,0 - Patch cable
1406402 PHOENIX-1406402 Datasheet
360Kb / 8P
VS-PNRJ45-PNRJ45-93B-3,5 - Patch cable
1406403 PHOENIX-1406403 Datasheet
97Kb / 3P
Patch cable - VS-PNRJ45-PNRJ45-93B-5,0
More results

Similar Description - 14064

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NC3030 ETC2-NC3030 Datasheet
130Kb / 1P
Circuit Breaker Boots Full Pushbutton Boots
1344172 ETC2-1344172 Datasheet
96Kb / 2P
Tinned copper conductor, PVC insulation
1344194 ETC2-1344194 Datasheet
97Kb / 2P
Tinned copper conductor, PVC insulation.
1344195 ETC2-1344195 Datasheet
96Kb / 2P
Tinned copper conductor, PVC insulation
1344526 ETC2-1344526 Datasheet
97Kb / 2P
Tinned copper conductor, PVC insulation
1344843 ETC2-1344843 Datasheet
98Kb / 2P
Tinned copper conductor, PVC insulation
1346228 ETC2-1346228 Datasheet
96Kb / 2P
Tinned copper conductor, PVC insulation
1347078 ETC2-1347078 Datasheet
99Kb / 2P
Tinned copper conductor, PVC insulation
1347832 ETC2-1347832 Datasheet
96Kb / 2P
Tinned copper conductor, PVC insulation
1682738 ETC2-1682738 Datasheet
100Kb / 2P
Tinned copper conductor, PVC insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com