Electronic Components Datasheet Search
  English  ▼

X  

DRB15 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # DRB15
Description  15W to 100W Single Output DIN Rail Mount Power Supplies
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DRB15 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  DRB15 Datasheet HTML 1Page - RSG Electronic Components GmbH DRB15 Datasheet HTML 2Page - RSG Electronic Components GmbH DRB15 Datasheet HTML 3Page - RSG Electronic Components GmbH DRB15 Datasheet HTML 4Page - RSG Electronic Components GmbH DRB15 Datasheet HTML 5Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model Selector
Output
OutputAdjust MaxOutput MaxOutput
Efficiencyat
Model
Voltage
Range (V)
Current (A)
Power (W)
115/230 VAC (%)
DRB15-24-1
24
24-28
0.63
15.12
87/90
DRB30-12-1
12
12-15
2.5
30
86/88
DRB30-24-1
24
24-28
1.25
30
88/90
DRB50-5-1
5
5-5.5
6
30
79/80
DRB50-12-1
12
12-15
4.2
50.4
88/90
DRB50-24-1
24
24-28
2.1
50.4
88/90
DRB50-48-1
48
48-52.8
1.05
50.4
90/91
DRB100-24-1
24
24-28
4.2
100.8
90/91
DRB Series
2
Connection
Pin
1
+V: + Output terminal
2
-V: - Output terminal
3
V. adj: Output voltage adjust trimmer. The output voltage rises when the trimmer is turned clockwise
4
L: AC Input terminal live line (fuse in line)
5
N: AC Input terminal neutral line
6
E: Protective earth connect to safety ground of apparatus or equipment
7
DC OK: Green LED lights when output voltage on
Terminal Explanation Example
Output Derating DRB15 Series
Output Derating DRB50 Series
Output Derating DRB30 Series
Output Derating DRB100 Series
Ts (Surrounding air temperature) °C
Ts (Surrounding air temperature) °C
Ts (Surrounding air temperature) °C
Ts (Surrounding air temperature) °C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com