Electronic Components Datasheet Search
  English  ▼

X  

DRF120 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # DRF120
Description  120W - 480W Single Output DIN Rail Mount Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

DRF120 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  DRF120 Datasheet HTML 1Page - RSG Electronic Components GmbH DRF120 Datasheet HTML 2Page - RSG Electronic Components GmbH DRF120 Datasheet HTML 3Page - RSG Electronic Components GmbH DRF120 Datasheet HTML 4Page - RSG Electronic Components GmbH DRF120 Datasheet HTML 5Page - RSG Electronic Components GmbH DRF120 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DRF Series (provisional datasheet)
2
Model Selector
Output
OutputAdjust
MaxOutput
MaxOutput
Efficiencyat
Model
Voltage
Range (V)
Current (A)
Power (W)
115/230VAC (%)
DRF120-24-1
24
24-28
5
120
89/91
DRF240-24-1
24
24-28
10
240
92.5/94
DRF480-24-1
24
24-28
20
480
92.5/94
Optional Models
Suffix
Description
/HL
Conformally Coated (ATEX, IEC EX,GL)
Notes from page 1
1. Operating period at peak output current is 4 sec, max duty cycle<35% &< rated output power
2. At 115/230VAC, Ta = 25°C, nominal output voltage, rated output power
3.Ripple&noiseismeasuredat20MHzusing300mmtwistedpairofloadwiresterminatedwith0.1µFfilmcap&47µFelectrolyticcap
4. Constant current (CC) limit for >101% of peak output current. CC limit with auto recovery within 4 sec, unit will shutdown at >4sec
5. Output will shutdown, manual reset by mains cycle off/on or CNT on/off
6. Refer to instruction manual
7. Select /HL model for ATEX, IEC Ex and GL (Germanischer Lloyd) approvals (see optional models table)
*Signal connectors are found on the topside of the unit.
See product outline drawings for locations
Signal Connector Pin Assignment
PIN
Function
Detail
1
CB
For parallel operation cut the link between pins 1 & 2 for droop mode current share
2
CB-COM
3
N/C
No Connection
4
N/C
5
CNT+
Remote ON/OFF control, when CNT+ is pulled to TTL low the power supply turns ON, otherwise it turns OFF
6
CNT-
7
PV
Programming voltage range 5 - 6V presets the output to 24 - 28V
8
COMM
DRF120 example*
Terminal Explanation
Connection
1 +V: +Output terminal
2 –V: –Output terminal
3 V.ADJ: Output voltage adjust trimmer
The output voltage rises when a trimmer is turned clockwise
4 L: AC Input terminal. Live line (fuse in line)
5 N: AC Input terminal. Neutral line
6 –V: Protective Earth
Connect to safety ground of apparatus or equipment
7 DC OK:
Green LED lights when output voltage is > 80% of rated output voltage
8 PEAK:
Red LED lights when unit is in peak power mode
9 DC OK: Relay contact
10 DC OK: Relay contact



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com