Electronic Components Datasheet Search
  English  ▼

X  

LFA10F Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # LFA10F
Description  AC-DC Power Supplies Open Frame/ Enclosed type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LFA10F Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  LFA10F Datasheet HTML 1Page - RSG Electronic Components GmbH LFA10F Datasheet HTML 2Page - RSG Electronic Components GmbH LFA10F Datasheet HTML 3Page - RSG Electronic Components GmbH LFA10F Datasheet HTML 4Page - RSG Electronic Components GmbH LFA10F Datasheet HTML 5Page - RSG Electronic Components GmbH LFA10F Datasheet HTML 6Page - RSG Electronic Components GmbH LFA10F Datasheet HTML 7Page - RSG Electronic Components GmbH LFA10F Datasheet HTML 8Page - RSG Electronic Components GmbH LFA10F Datasheet HTML 9Page - RSG Electronic Components GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LFA-3
LFA10F
External view
Block diagram
<PIN CONNECTION>
CN1
CN2
Pin No.
Input
1
AC(L)
2
3
AC(N)
4
5
FG
Pin No.
Output
1-V
2+V
I/O Connector
Mating connector
CN1
1-1123724-3
1-1123722-5
Chain
Loose
CN2
1-1123723-2
1-1123722-2
Terminal
Chain
Loose
1123721-1
1318912-1
1123721-1
1318912-1
(Mfr:
Tyco Electronics)
¶ The back side of P.C.B. of the power supply is assembled some
SMDs.
Be attention not to bump against the attached area by vibration.
¶ Use the spacer of 8mm length or more regarding insulation.
And do not use press-fitting bush.
¶ Point A, Point B are thermometry points. Please refer to
Instruction Manual 3.
¶ I/O Connector is Mfr. Tyco Electronics
¶ Option:-J1:(J.S.T) connector type. Refer to Instruction Manual 5.
¶ Tolerance : ±1 [±0.04]
¶ Weight : 55g max (without chassis and cover)
¶ PCB material / thickness : CEM3 / 1.6mm
¶ Optional chassis and cover material : Electric galvanizing steel board.
¶ Dimensions in mm, [ ]=inches
¶ Mounting torque (Mounting hole of chassis) : 0.6N
-m (6.3kgf-cm) max
Standard type
1
3
5
FG
2
1
CN2
CN1
Point A
Point B
Output(+)
Output(-)
Voltage adjust
(LFA10F-3R3-Y or optional)
2-
f3.5
Mounting Hole
Input(N)
Input(L)
Name plate
¶1 Surface mount device
PCB t=1.6
63.5
±0.5
5
73.5
f3.5
4-M3
Mounting Hole
f3.5
2-M3
Mounting Hole
Output(+)
Output(-)
FG
Input(L)
Input(N)
CN1
CN2
1
2
5
3
1
Chassis and cover type
93.5
5
83.5 ±0.5
5
83.5 ±0.5
¶1
4.6
FG
[0.2]
[2.89]
[0.18]
[0.2]
[0.2]
[3.68]
[2.5]
[3.29]
[3.29]
AC IN
85
264V
NOISE
FILTER
CONTROL
INVERTER
RECTIFIER
AND
FILTER
RECTIFIER
AND
FILTER
DC OUT
FG
TRANSFORMER
CONTROL
FUSE
AC250V
2A
Photocoupler
Photocoupler
OVER VOLTAGE
PROTECTION
CURRENT
SENSING
INRUSH
CURRENT
LIMIT
LFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com