Electronic Components Datasheet Search
  English  ▼

X  

LFA30F Datasheet(PDF) 12 Page - RSG Electronic Components GmbH

Part # LFA30F
Description  AC-DC Power Supplies Open Frame/ Enclosed type
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LFA30F Datasheet(HTML) 12 Page - RSG Electronic Components GmbH

Back Button LFA30F Datasheet HTML 8Page - RSG Electronic Components GmbH LFA30F Datasheet HTML 9Page - RSG Electronic Components GmbH LFA30F Datasheet HTML 10Page - RSG Electronic Components GmbH LFA30F Datasheet HTML 11Page - RSG Electronic Components GmbH LFA30F Datasheet HTML 12Page - RSG Electronic Components GmbH LFA30F Datasheet HTML 13Page - RSG Electronic Components GmbH LFA30F Datasheet HTML 14Page - RSG Electronic Components GmbH LFA30F Datasheet HTML 15Page - RSG Electronic Components GmbH LFA30F Datasheet HTML 16Page - RSG Electronic Components GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LFA-13
External view
Block diagram
LFA100F
¶ Tolerance : ±1 [±0.04]
¶ Optional chassis and cover material : Electric galvanizing steel board.
¶ Weight : 280g max (without chassis and cover)
¶ PCB material : CEM3
¶ Dimensions in mm, [ ]=inches
Standard type
Chassis and cover type
¶ 4 Mounting holes are existing.
¶ The back side of P.C.B. of the power supply is assembled some
SMDs.
Be attention not to bump against the attached area by vibration.
¶ Use the spacer of 8mm length or more regarding insulation.
And do not use press-fitting bush.
¶ Point A, Point B are thermometry points. Please refer to
Instruction Manual 3.
Barrier strip type
Model B2B-XH-A
Mating Connector (Terminal)
RC(-)
RC(+)
2
1
Contents
PIN No.
or SXH-001T-P0.6
BXH-001T-P0.6
XHP-2
CN4 Option (Mfr:J.S.T)
Connector type
<PIN CONNECTION>
CN1
CN2
Pin No.
Input
1
AC(L)
2
3
AC(N)
4
5
FG
Pin No.
Output
1 to 4
-V
5 to 8
+V
¶ Keep drawing current per pin below 5A for CN2.
I/O Connector
Mating connector
CN1
1-1123724-3
1-1123722-5
Chain
Loose
CN2
1-1123723-8
1-1123722-8
Terminal
Chain
Loose
1123721-1
1318912-1
1123721-1
1318912-1
(Mfr:
Tyco Electronics)
¶ I/O Connector is Mfr. Tyco Electronics
¶ Option:-J1:VH(J.S.T) connector type.
¶ Mounting torque (Mounting hole of chassis) :1.5N
-m (16kgf-cm) max
¶ External size of option is different from standard model.
Output(-)
Output(+)
FG
Input(N)
Input(L)
4-M4
Mounting Hole
2-
f4.5
2-M4
Mounting Hole
f4.5
CN2
8
1
CN1
5
3
1
PCB t=1.6
Name plate
Connector for
Remote ON/OFF
(Optional)
CN4
Voltage adjust
(LFA100F-3R3-Y,LFA100F-5-Y or Optional)
Mounting Hole
3-
f3.5
Mounting Hole
Point A
Point B
1
Input(L)
3
Input(N)
5
FG
CN1
1
8
CN2
Output(+)
Output(-)
4
5
1
2
4
5
1
2
185
5
145±0.5
16.5
4
155
6
173±0.5
6
173±0.5
FG
¶1 Surface mount device
¶1
[0.2]
[0.65]
[0.16]
[6.1]
[0.24]
[0.24]
[7.28]
[5.71]
[6.81]
[6.81]
FG
DC OUT
AC IN 85 - 264V
RC
E
250V3.15A
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
CONTROL
TRANSFORMER
CONTROL
OVER VOLTAGE
PROTECTION
NOISE
FILTER
RECTIFIER
AND
FILTER
INVERTER
FUSE
RECTIFIER
CURRENT
SENSING
BOOSTER
INDUCTER
INVERTER
CONTROL
CURRENT
SENSING
EXTERNAL
SOURCE
OPTION
Photocoupler
Photocoupler
Photocoupler
LFA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com