Electronic Components Datasheet Search
  English  ▼

X  

ZWS5 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # ZWS5
Description  Single Output Low Cost, Worldwide Use
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

ZWS5 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  ZWS5 Datasheet HTML 1Page - RSG Electronic Components GmbH ZWS5 Datasheet HTML 2Page - RSG Electronic Components GmbH ZWS5 Datasheet HTML 3Page - RSG Electronic Components GmbH ZWS5 Datasheet HTML 4Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZWS Series
2
Model Selector
Max
Peak
Load
Line
Ripple
Adjust
Curr.
Curr.
Reg
Reg
Noise
Eff.
Model
Voltage
Range
AA
mV
mV
mV
%
ZWS5-3
3.3V
2.97-3.63
1
1.2
40
20
120
62
ZWS10-3
3.3V
2.97-3.63
2
2.4
40
20
120
62
ZWS15-3
3.3V
2.97-3.63
3
3.6
40
20
120
63
ZWS30-3
3.3V
2.97-3.63
6
7.2
40
20
120
70
ZWS50-3
3.3V
2.97-3.63
10
12
40
20
120
73
ZWS5-5
5V
4.5-5.5
1
1.2
40
20
120
67
ZWS10-5
5V
4.5-5.5
2
2.4
40
20
120
70
ZWS15-5
5V
4.5-5.5
3
3.6
40
20
120
71
ZWS30-5
5V
4.5-5.5
6
7.2
40
20
120
75
ZWS50-5
5V
4.5-5.5
10
12
40
20
120
77
ZWS5-12
12V
10.8-13.2
0.42
0.51
96
48
150
68
ZWS10-12
12V
10.8-13.2
0.85
1.02
96
48
150
70
ZWS15-12
12V
10.8-13.2
1.25
1.5
96
48
150
71
ZWS30-12
12V
10.8-13.2
2.5
3
96
48
150
77
ZWS50-12
12V
10.8-13.2
4.3
5.16
96
48
150
80
ZWS5-15
15V
13.5-16.5
0.34
0.41
120
60
150
68
ZWS10-15
15V
13.5-16.5
0.7
0.84
120
60
150
71
ZWS15-15
15V
13.5-16.5
1
1.2
120
60
150
71
ZWS30-15
15V
13.5-16.5
2
2.4
120
60
150
77
ZWS50-15
15V
13.5-16.5
3.5
4.2
120
60
150
81
ZWS5-24
24V
21.6-26.4
0.22
0.27
150
96
200
70
ZWS10-24
24V
21.6-26.4
0.45
0.54
150
96
200
71
ZWS15-24
24V
21.6-26.4
0.65
0.78
150
96
200
71
ZWS30-24
24V
21.6-26.4
1.3
1.56
150
96
200
78
ZWS50-24
24V
21.6-26.4
2.1
2.52
150
96
200
82
ZWS30-36
36V
32.4-39.6
0.9
1.08
240
144
300
78
ZWS50-36
36V
32.4-39.6
1.4
1.68
240
144
300
82
ZWS30-48
48V
43.2-52.8
0.7
0.84
300
192
400
78
ZWS50-48
48V
43.2-52.8
1.1
1.32
300
192
400
82
Note for Peak Current: For 10s maximum, 35% duty cycle, average power not to exceed maximum ratings.
Options
Suffix
Description
Blank
Molex Terminals
/A
Cover option
/J
JST Connectors
/JA
JST Connectors & Cover
Outline Drawing ZWS5 Series
Width (W)
Height (H)
Depth (D)
ZWS5
45
21
98
ZWS10
50
21
105
ZWS15
50
21
125
ZWS30
55
26
133
ZWS50
55
26
195
Dimension Table (mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com