Electronic Components Datasheet Search
  English  ▼

X  

G6M1ADC12 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G6M1ADC12
Description  Slim, Miniature Relay, Capable of Relaying Programmable Controller and Temperature Controller Outputs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6M1ADC12 Datasheet(HTML) 2 Page - Omron Electronics LLC

  G6M1ADC12 Datasheet HTML 1Page - Omron Electronics LLC G6M1ADC12 Datasheet HTML 2Page - Omron Electronics LLC G6M1ADC12 Datasheet HTML 3Page - Omron Electronics LLC G6M1ADC12 Datasheet HTML 4Page - Omron Electronics LLC G6M1ADC12 Datasheet HTML 5Page - Omron Electronics LLC G6M1ADC12 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
112
PCB Power Relay
G6M
■ Contact Ratings
Note: P level:
λ
60 = 0.1 x 10
-6/operation
■ Characteristics
■ Approved Standards
UL Recognized (File No. E41515) / CSA Certified (File No. LR31928) - - Ambient Temp. = 40
°C
VDE (Reg. No. 40003427) EN61810-1
Rated load
3 A at 250 VAC, 3 A at 30 VDC
Rated carry current
5 A
Max. switching voltage
270 VAC, 125 VDC
Max. switching current
5 A
Max. switching power
750 VAC, 90 W
Min. permissible load
10 mA at 5 VDC (at 120 operations/min)
Contact resistance
100 m
Ω max.
Operate time
10 ms max.
Release time
5 ms max.
Insulation resistance
1,000 M
Ω min. (at 500 VDC)
Dielectric strength
3,000 VAC, 50/60 Hz for 1 min between coil and contacts
750 VAC, 50/60 Hz for 1 min between contacts of same polarity
Impulse withstand voltage
5,080 V (1.2 x 50
μs) between coil and contacts
Vibration resistance
Destruction: 10 to 55 Hz, 2.5-mm single amplitude (5.0-mm double amplitude)
Malfunction: 10 to 55 hz, 0.75-mm single amplitude (1.5-mm double amplitude)
Shock resistance
Destruction: 1,000 m/s2
Malfunction: 100 m/s2
Endurance
Mechanical: 20,000,000 operations min. (at 18,000 operations/hr)
Electrical: 100,000 operations min. (3A at 250 VAC/30 VDC, resistive load at 1,800 operations/hr.)
Ambient temperature
Operating: -40
°C to 85°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Weight approx.
4 g
Model
Coil ratings
Contact ratings
G6M-1A
4.5 to 24 VDC
5A, 250 VAC (resistive load, 6,000 operations)
5 A, 24 VDC (resistive load, 6,000 operations)
3 A, 250 VAC (general use, 10,000 operations)
3 A, 24 VDC (general use, 10,000 operations)
Model
Coil ratings
Contact ratings
G6M-1A
4.5, 5, 12, 24 VDC
3 A, 250 VAC (cos
φ=1, 50,000)
3 A, 30 VDC (0 ms, 50,000)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com