Electronic Components Datasheet Search
  English  ▼

X  

PX0480 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PX0480
Description  SMB Buccaneer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0480 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PX0480 Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0480 Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0480 Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0480 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.elektron-bulgin.com
68
BUCCANEER FOR DATA
Mates with Panel connector
(PX0414)
Re-wireable connector
For RG-174 cable
Supplied with SMB plug
Mates with Panel connector
(PX0414)
Pre-wired
Overmoulded construction
Supplied with SMB plug
terminated with RG-174 cable
1m, 3m & 5m cable lengths
Mates with Flex connectors
(PX0415, PX0416)
Single hole fixing
Supplied with SMB jack
terminated with RG-174 cable
U.FL cable version also
available
PX0415/1
PX0416/xMxx
PX0414/xMxx
SMB Buccaneer®
RE-WIREABLE FLEX CONNECTOR
PRE-WIRED FLEX CONNECTOR
PANEL MOUNTING CONNECTOR
SEALING CAPS AND ACCESSORIES
Part no.
Description
PX0415/1
Re-wireable connector with SMB Plug - for RG-174 cable
Part no.
Description
PX0416/1M00
Overmoulded connector with SMB plug - cable length 1m
PX0416/3M00
Overmoulded connector with SMB plug - cable length 3m
PX0416/5M00
Overmoulded connector with SMB plug - cable length 5m
Part no.
Description
PX0414/0M50
Panel connector with SMB jack - cable length 0.5m
PX0414/1M00
Panel connector with SMB jack - cable length 1m
PX0414/1M50
Panel connector with SMB jack - cable length 1.5m
Part no.
Description
PX0480
Sealing cap for PX0414 chassis connector
PX0481
Sealing cap for PX0415 re-wireable flex connectors
PX0485
Sealing cap for PX0416 overmoulded flex connector
14319
Hand crimp tool for SMB
19.1
46.0 max
42.3 max
Ø22.0
19.9
12.3
3.2 max
Ø16.10
PX0480
PX0481
PX0485
Sealing caps maintain IP rating
when connectors are not in use
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:39
Page 68



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com