Electronic Components Datasheet Search
  English  ▼

X  

IR2233SPBF Datasheet(PDF) 3 Page - International Rectifier

Part # IR2233SPBF
Description  Floating channel designed for bootstrap operation Fully operational to 600V or1200V Tolerant to negative transient voltage dV/dt immune
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2233SPBF Datasheet(HTML) 3 Page - International Rectifier

  IR2233SPBF Datasheet HTML 1Page - International Rectifier IR2233SPBF Datasheet HTML 2Page - International Rectifier IR2233SPBF Datasheet HTML 3Page - International Rectifier IR2233SPBF Datasheet HTML 4Page - International Rectifier IR2233SPBF Datasheet HTML 5Page - International Rectifier IR2233SPBF Datasheet HTML 6Page - International Rectifier IR2233SPBF Datasheet HTML 7Page - International Rectifier IR2233SPBF Datasheet HTML 8Page - International Rectifier IR2233SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
IR2133/IR2135/IR2233/IR2235(J&S)&(PbF)
www.irf.com
3
Static Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V unless otherwise specified and TA = 25oC. All static parameters other than IO and VO
are referenced to VSS and are applicable to all six channels (HS1,2,3 & LS1,2,3). The VO and IO parameters are
referenced to COM and VS1,2,3 and are applicable to the respective output leads: HO1,2,3 or LO1,2,3.
VIH
Logic “0” Input Voltage (OUT = LO)
2.2
—
—
VIL
Logic “1” Input Voltage (OUT = HI)
—
—
0.8
VFCLR,IH
Logic “0” Fault Clear Input Voltage
2.2
—
—
VFCLR,IL
Logic “1” Fault Clear Input Voltage
—
—
0.8
VSD,TH+
SD Input Positive Going Threshold
1.6
1.9
2.2
VSD,TH-
SD Input Negative Going Threshold
1.4
1.7
2.0
VIT,TH+
IITRIP Input Positive Going Threshold
470
570
670
VIT,TH-
IITRIP Input Negative Going Threshold
360
460
560
VOH
High Level Output Voltage, VBIAS - VO
—
—
100
VIN = 0V, IO = 0A
VOL
Low Level Output Voltage, VO
—
—
100
VIN = 5V, IO = 0A
ILK
Offset Supply Leakage Current (IR2133/IR2135)
—
—
50
VB1,2,3=VS1,2,3 = 600V
(IR2233/IR2235)
—
—
50
VB1,2,3=VS1,2,3 = 1200V
IQBS
Quiescent VBS Supply Current
—
50
100
VIN = 0V or 5V
IQCC
Quiescent VCC Supply Current
—
4
8
mA
VIN = 0V or 5V
IIN+
Logic “1” Input Bias Current (OUT = HI)
—
200
350
VIN = 0V
IIN-
Logic “0” Input Bias Current (OUT = LO)
—
100
250
VIN = 5V
ISD+
“High” Shutdown Bias Current
—
30
100
SD = 5V
ISD-
“Low” Shutdown Bias Current
—
—
100
nA
SD = 0V
IITRIP+
“High” IITRIP Bias Current
—
30
100
µA
IITRIP = 5V
IITRIP-
“Low” IITRIP Bias Current
—
—
100
nA
IITRIP = 0V
Symbol
V
µA
Dynamic Electrical Characteristics
VBIAS (VCC, VBS1,2,3) = 15V, VS1,2,3 = VSS, TA = 25
oC and CL = 1000 pF unless otherwise specified.
Definition
Min.
Typ.
Max. Units Test Conditions
ton
Turn-on propagation delay
500
750
1000
toff
Turn-off propagation delay
450
700
950
tr
Turn-on rise time
—
90
150
tf
Turn-off fall time
—
40
70
tsd
SD to output shutdown propagation delay
500
750
1000
VIN,VSD = 0 & 5V
titrip
ITRIP to output shutdown propagation delay
600
850
1100
VIN,VITRIP = 0 & 5V
tbl
ITRIP blanking time
—
400
—
ITRIP = 1V
tflt
ITRIP to FAULT propagation delay
400
650
900
VIN,VITRIP = 0 & 5V
tfil,in
Input filter time (HIN, LIN and SD)
—
310
—
VIN = 0 & 5V
tfltclr
FLT-CLR to FAULT clear time
600
850
1100
VIN,VITRIP = 0 & 5V
DT
Deadtime, LS turn-off to HS turn-on &
100
250
400
VIN = 0 & 5V
HS turn-off to LS turn-on
SR+
Amplifier slew rate (positive)
5
10
—
SR-
Amplifier slew rate (negative)
2
2.5
—
Symbol
V/µs
ns
VIN = 0 & 5V
VS1,2,3 = 0 to 600V
or 1200V
Definition
Min.
Typ. Max. Units
Test Conditions
NOTE: For high side PWM, HIN pulse width must be
≥ 1µ sec
mV
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com