Electronic Components Datasheet Search
  English  ▼

X  

IR2133 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2133
Description  Floating channel designed for bootstrap operation Fully operational to 600V or1200V Tolerant to negative transient voltage dV/dt immune
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2133 Datasheet(HTML) 1 Page - International Rectifier

  IR2133 Datasheet HTML 1Page - International Rectifier IR2133 Datasheet HTML 2Page - International Rectifier IR2133 Datasheet HTML 3Page - International Rectifier IR2133 Datasheet HTML 4Page - International Rectifier IR2133 Datasheet HTML 5Page - International Rectifier IR2133 Datasheet HTML 6Page - International Rectifier IR2133 Datasheet HTML 7Page - International Rectifier IR2133 Datasheet HTML 8Page - International Rectifier IR2133 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
VOFFSET
600V or 1200V max.
IO+/-
200 mA / 420 mA
VOUT
10 - 20V or 12 - 20V
ton/off (typ.)
750/700 ns
Deadtime (typ.)
250 ns
Product Summary
3-PHASE BRIDGE DRIVER
IR2133/IR2135(J&S)&(PbF)
IR2233/IR2235(J&S)&(PbF)
Data Sheet No. PD60107 revX
www.irf.com
1
Features
••••• Floating channel designed for bootstrap operation
Fully operational to +600V or+1200V
Tolerant to negative transient voltage
dV/dt immune
••••• Gate drive supply range from 10V/12V to 20V DC and
up to 25V for transient
••••• Undervoltage lockout for all channels
••••• Over-current shut down turns off all six drivers
••••• Independent 3 half-bridge drivers
••••• Matched propagation delay for all channels
••••• 2.5V logic compatible
••••• Outputs out of phase with inputs
••••• All parts are also available LEAD-FREE
Description
The IR2133IR2135/IR2233IR2355 (J&S) are high voltage, high speed
power MOSFET and IGBT driver with three independent high side and
low side referenced output channels for 3-phase applications. Propri-
etary HVIC technology enables ruggedized monolithic construction.
Logic inputs are compatible with CMOS or LSTTL outputs, down to
2.5V logic. An independent operational amplifier provides an analog
feedback of bridge current via an external current sense resistor. A
current trip function which terminates all six outputs can also be de-
rived from this resistor. A shutdown function is available to terminate all six outputs. An open drain FAULT signal is provided to
indicate that an over-current or undervoltage shutdown has occurred. Fault conditions are cleared with the FLT-CLR lead. The
output drivers feature a high pulse current buffer stage designed for minimum driver cross-conduction. Propagation delays are
matched to simplify use in high frequency applications. The floating channels can be used to drive N-channel power MOSFETs or
IGBTs in the high side configuration which operates up to 600 volts or 1200 volts.
up to 600V or 1200V
Typical Connection
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections only.
Please refer to our Application Notes and DesignTips for proper circuit board layout.
Packages
28-Lead SOIC
44-Lead PLCC w/o 12 leads
28-Lead PDIP


Similar Part No. - IR2133

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2133 IRF-IR2133 Datasheet
218Kb / 12P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR2133 IRF-IR2133 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
logo
Infineon Technologies A...
IR2133 INFINEON-IR2133 Datasheet
436Kb / 27P
3-PHASE BRIDGE DRIVER
Data Sheet No. PD60107 revX
More results

Similar Description - IR2133

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2301STRPBF IRF-IRS2301STRPBF Datasheet
396Kb / 15P
Floating channel designed for bootstrap operation
IRS21867STRPBF IRF-IRS21867STRPBF Datasheet
748Kb / 21P
Floating channel designed for bootstrap operation
AUIRS2123 IRF-AUIRS2123_15 Datasheet
563Kb / 20P
Floating channel designed for bootstrap operation
AUIRS2191S IRF-AUIRS2191S_15 Datasheet
353Kb / 19P
Floating channel designed for bootstrap operation
AUIRS2302S IRF-AUIRS2302S_15 Datasheet
394Kb / 19P
Floating channel designed for bootstrap operation
IRS2001MPBF IRF-IRS2001MPBF_15 Datasheet
735Kb / 17P
Floating channel designed for bootstrap operation
logo
Infineon Technologies A...
AUIRS2181S INFINEON-AUIRS2181S Datasheet
670Kb / 22P
Floating channel designed for bootstrap operation
January 10, 2014
AUIRS2191S INFINEON-AUIRS2191S Datasheet
353Kb / 19P
Floating channel designed for bootstrap operation
November 18, 2013
logo
Shenzhen Huazhimei Semi...
HM2103A HMSEMI-HM2103A Datasheet
3Mb / 9P
Floating channel designed for bootstrap operation
HM2103F HMSEMI-HM2103F Datasheet
4Mb / 9P
Floating channel designed for bootstrap operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com