Electronic Components Datasheet Search
  English  ▼

X  

IR2108 Datasheet(PDF) 11 Page - International Rectifier

Part # IR2108
Description  Gate drive supply range from 10 to 20V
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2108 Datasheet(HTML) 11 Page - International Rectifier

Back Button IR2108 Datasheet HTML 7Page - International Rectifier IR2108 Datasheet HTML 8Page - International Rectifier IR2108 Datasheet HTML 9Page - International Rectifier IR2108 Datasheet HTML 10Page - International Rectifier IR2108 Datasheet HTML 11Page - International Rectifier IR2108 Datasheet HTML 12Page - International Rectifier IR2108 Datasheet HTML 13Page - International Rectifier IR2108 Datasheet HTML 14Page - International Rectifier IR2108 Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
www.irf.com
11
IR2108(4) (S) & (PbF)
0
1
2
3
4
10
12
14
16
18
20
V
CC Supply Voltage (V)
Figure 11B. High Level Output
vs. Supply Voltage
Typ.
Max.
0
0.3
0.6
0.9
1.2
1.5
-50
-25
0
25
50
75
100 125
Temperature (oC)
Figure 12A. Low Level Output
vs. Temperature
T yp.
Max.
0
0.3
0.6
0.9
1.2
1.5
10
12
14
16
18
20
V
CC Supply Voltage (V)
Figure 12B. Low Level Output
vs. Supply Voltage
Typ.
Max.
0
100
200
300
400
500
-50
-25
0
25
50
75
100 125
Temperature (oC)
Max.
Figure 13A. Offset Supply Leakage Current
vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com