Electronic Components Datasheet Search
  English  ▼

X  

IR2109 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2109
Description  Gate drive supply range from 10 to 20V
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2109 Datasheet(HTML) 1 Page - International Rectifier

  IR2109 Datasheet HTML 1Page - International Rectifier IR2109 Datasheet HTML 2Page - International Rectifier IR2109 Datasheet HTML 3Page - International Rectifier IR2109 Datasheet HTML 4Page - International Rectifier IR2109 Datasheet HTML 5Page - International Rectifier IR2109 Datasheet HTML 6Page - International Rectifier IR2109 Datasheet HTML 7Page - International Rectifier IR2109 Datasheet HTML 8Page - International Rectifier IR2109 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
Typical Connection
HALF-BRIDGE DRIVER
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout for both channels
• 3.3V, 5V and 15V input logic compatible
• Cross-conduction prevention logic
• Matched propagation delay for both channels
• High side output in phase with IN input
• Logic and power ground +/- 5V offset.
• Internal 540ns dead-time, and programmable
up to 5us with one external RDT resistor (IR21094)
• Lower di/dt gate driver for better noise immunity
• Shut down input turns off both channels.
• Available in Lead-Free
Description
The IR2109(4)(S) are high voltage, high speed power
MOSFET and IGBT drivers with dependent high and
low side referenced output channels. Proprietary HVIC
and latch immune CMOS technologies enable rugge-
dized monolithic construction. The logic input is
compatible with standard CMOS or LSTTL output,
down to 3.3V logic. The output drivers feature a high
IR21094
IR2109
Packages
IR2109(4) (S) & (PbF)
Data Sheet No. PD60163-U
VOFFSET
600V max.
IO+/-
120 mA / 250 mA
VOUT
10 - 20V
ton/off (typ.)
750 & 200 ns
Dead Time
540 ns
(programmable up to 5uS for IR21094)
Product Summary
www.irf.com
1
V
CC
V
B
V
S
HO
LO
COM
IN
SD
SD
IN
up to 600V
TO
LOAD
V
CC
IN
up to 600V
TO
LOAD
V
CC
V
B
V
S
HO
LO
COM
IN
DT
V
SS
SD
V
CC
SD
V
SS
R
DT
8 Lead PDIP
14 Lead PDIP
8 Lead SOIC
14 Lead SOIC
pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be used to
drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 600 volts.
(Refer to Lead Assignments for correct
configuration). This/These diagram(s) show
electrical connections only. Please refer to our
Application Notes and DesignTips for proper
circuit board layout.


Similar Part No. - IR2109

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2109 IRF-IR2109 Datasheet
173Kb / 9P
HALF-BRIDGE DRIVER
IR2109 IRF-IR2109 Datasheet
355Kb / 25P
Gate drive supply range from 10 to 20V
IR2109 IRF-IR2109 Datasheet
355Kb / 25P
HALF-BRIDGE DRIVER
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
logo
International Rectifier
IR21091 IRF-IR21091 Datasheet
109Kb / 8P
HALF-BRIDGE DRIVER
More results

Similar Description - IR2109

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2117STRPBF IRF-IR2117STRPBF Datasheet
272Kb / 18P
Gate drive supply range from 10 to 20V
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
Gate drive supply range from 10 to 20V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
Gate drive supply range from 6 V to 20 V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
Gate drive supply range from 10 to 20V
IR2302STRPBF IRF-IR2302STRPBF Datasheet
212Kb / 22P
Gate drive supply range from 5 to 20V
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
Gate drive supply range from 10 V to 20 V
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
Gate drive supply range from 6 V to 20 V
IR21084SPBF IRF-IR21084SPBF Datasheet
327Kb / 23P
Gate drive supply range from 10 to 20V
IR21844STRPBF IRF-IR21844STRPBF Datasheet
298Kb / 24P
Gate drive supply range from 10 to 20V
logo
M.S. Kennedy Corporatio...
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
Single Supply Operation From 20V to 45V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com