Electronic Components Datasheet Search
  English  ▼

X  

IR2184 Datasheet(PDF) 1 Page - International Rectifier

Part # IR2184
Description  Gate drive supply range from 10 to 20V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2184 Datasheet(HTML) 1 Page - International Rectifier

  IR2184 Datasheet HTML 1Page - International Rectifier IR2184 Datasheet HTML 2Page - International Rectifier IR2184 Datasheet HTML 3Page - International Rectifier IR2184 Datasheet HTML 4Page - International Rectifier IR2184 Datasheet HTML 5Page - International Rectifier IR2184 Datasheet HTML 6Page - International Rectifier IR2184 Datasheet HTML 7Page - International Rectifier IR2184 Datasheet HTML 8Page - International Rectifier IR2184 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
IR2184(4)(S)&(PbF)
Typical Connection
HALF-BRIDGE DRIVER
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout for both channels
• 3.3V and 5V input logic compatible
• Matched propagation delay for both channels
• Logic and power ground +/- 5V offset.
• Lower di/dt gate driver for better noise immunity
• Output source/sink current capability 1.4A/1.8A
• Also available LEAD-FREE (PbF)
IR21844
IR2184
www.irf.com
1
Data Sheet No. PD60174 revG
V
CC
V
B
V
S
HO
LO
COM
IN
SD
SD
IN
up to 600V
TO
LOAD
V
CC
IN
up to 600V
TO
LOAD
V
CC
V
B
V
S
HO
LO
COM
IN
DT
V
SS
SD
V
CC
SD
V
SS
R
DT
(Refer to Lead Assignments for correct
configuration). This/These diagram(s) show
electrical connections only. Please refer to
our Application Notes and DesignTips for
proper circuit board layout.
Packages
14-Lead PDIP
IR21844
8-Lead SOIC
IR2184S
14-Lead SOIC
IR21844S
8-Lead PDIP
IR2184
Description
The IR2184(4)(S) are high voltage,
high speed power MOSFET and IGBT
drivers with dependent high and low
side referenced output channels. Pro-
prietary HVIC and latch immune
CMOS technologies enable rugge-
dized monolithic construction. The
logic input is compatible with standard
CMOS or LSTTL output, down to 3.3V
logic. The output drivers feature a
high pulse current buffer stage designed for minimum driver cross-conduction. The floating channel can be
used to drive an N-channel power MOSFET or IGBT in the high side configuration which operates up to 600
volts.
Part
Input
logic
Cross-
conduction
prevention
logic
Dead-Time
Ground Pins
Ton/Toff
2181
COM
21814
HIN/LIN
no
none
VSS/COM
180/220 ns
2183
Internal 500ns
COM
21834
HIN/LIN
yes
Program 0.4 ~ 5 us
VSS/COM
180/220 ns
2184
Internal 500ns
COM
21844
IN/SD
yes
Program 0.4 ~ 5 us
VSS/COM
680/270 ns
IR2181/IR2183/IR2184 Feature Comparison


Similar Part No. - IR2184

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2184 IRF-IR2184 Datasheet
181Kb / 8P
HALF-BRIDGE DRIVER
IR2184 IRF-IR2184 Datasheet
294Kb / 24P
Gate drive supply range from 10 to 20V
IR2184 IRF-IR2184 Datasheet
370Kb / 21P
HIGH AND LOW SIDE DRIVER
IR2184 IRF-IR2184 Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2184 IRF-IR2184 Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
More results

Similar Description - IR2184

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2117STRPBF IRF-IR2117STRPBF Datasheet
272Kb / 18P
Gate drive supply range from 10 to 20V
IR2184SPBF IRF-IR2184SPBF Datasheet
294Kb / 24P
Gate drive supply range from 10 to 20V
IRS4427STRPBF IRF-IRS4427STRPBF Datasheet
381Kb / 18P
Gate drive supply range from 6 V to 20 V
IR2109PBF IRF-IR2109PBF Datasheet
355Kb / 25P
Gate drive supply range from 10 to 20V
IR2302STRPBF IRF-IR2302STRPBF Datasheet
212Kb / 22P
Gate drive supply range from 5 to 20V
IRS21850STRPBF IRF-IRS21850STRPBF Datasheet
344Kb / 20P
Gate drive supply range from 10 V to 20 V
IRS4428STRPBF IRF-IRS4428STRPBF Datasheet
381Kb / 17P
Gate drive supply range from 6 V to 20 V
IR21084SPBF IRF-IR21084SPBF Datasheet
327Kb / 23P
Gate drive supply range from 10 to 20V
IR21094SPBF IRF-IR21094SPBF Datasheet
355Kb / 25P
Gate drive supply range from 10 to 20V
logo
M.S. Kennedy Corporatio...
MSK0006 MSK-MSK0006_15 Datasheet
117Kb / 5P
Single Supply Operation From 20V to 45V
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com