Electronic Components Datasheet Search
  English  ▼

X  

IR21844 Datasheet(PDF) 5 Page - International Rectifier

Part # IR21844
Description  Gate drive supply range from 10 to 20V
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21844 Datasheet(HTML) 5 Page - International Rectifier

  IR21844 Datasheet HTML 1Page - International Rectifier IR21844 Datasheet HTML 2Page - International Rectifier IR21844 Datasheet HTML 3Page - International Rectifier IR21844 Datasheet HTML 4Page - International Rectifier IR21844 Datasheet HTML 5Page - International Rectifier IR21844 Datasheet HTML 6Page - International Rectifier IR21844 Datasheet HTML 7Page - International Rectifier IR21844 Datasheet HTML 8Page - International Rectifier IR21844 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
IR2184(4)(S)&(PbF)
www.irf.com
5
14-Lead PDIP
14-Lead SOIC
IR21844
IR21844S
Lead Assignments
8-Lead PDIP
8-Lead SOIC
Lead Definitions
Symbol Description
IN
Logic input for high and low side gate driver outputs (HO and LO), in phase with HO (referenced to COM
for IR2184 and VSS for IR21844)
SD
Logic input for shutdown (referenced to COM for IR2184 and VSS for IR21844)
DT
Programmable dead-time lead, referenced to VSS. (IR21844 only)
VSS
Logic Ground (21844 only)
VB
High side floating supply
HO
High side gate drive output
VS
High side floating supply return
VCC
Low side and logic fixed supply
LO
Low side gate drive output
COM
Low side return
IR2184
IR2184S
1
2
3
4
8
7
6
5
IN
SD
COM
LO
VB
HO
VS
VCC
1
2
3
4
8
7
6
5
IN
SD
COM
LO
VB
HO
VS
VCC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN
SD
VSS
DT
COM
LO
VCC
VB
HO
VS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
IN
SD
VSS
DT
COM
LO
VCC
VB
HO
VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com