Electronic Components Datasheet Search
  English  ▼

X  

WT32 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WT32
Description  Bluetooth specification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT32 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WT32 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT32 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT32 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
WT11
WT11i
WT12
WT32
Bluetooth specification
2.0 + EDR, 2.1 + EDR
2.0 + EDR, 2.1 + EDR
2.0 + EDR, 2.1 + EDR
2.1 + EDR
Bluetooth class
1
1
2
2
Range, line of sight
250m
250m
40m
40m (80m WT32-E)
Antenna
Internal or U.FL
Internal or U.FL
Internal, PIN
Internal, W.FL, PIN
Temperature range
-40° to +85°
-40° to +85°
-40° to +85°
-30° to +85°
Maximum throughput
2,1Mbps
2,1Mbps
2,1Mbps
2,1Mbps
Integration
Surface mount
Surface mount
Surface mount
Surface mount
Host interfaces
UART, USB, 6xGPIO,1xAIO
UART, USB, 6xGPIO, 1xAIO
UART, USB, 6xGPIO
UART, USB, 10xGPIO, 2xAIO
Audio interfaces
PCM
PCM
PCM
Analog, PCM, SPDIF, I2S
Operating voltage
3.0V- 3.6V
3.0V- 3.6V
2.7V- 3.6V
2.5V- 4.4V
AFH supported
Yes
Yes
Yes
Yes
802.11 co-existence
Yes
Yes
Yes
Yes
Memory
48 KB RAM, 8 MB Flash
48 KB RAM, 8 MB Flash
48 KB RAM, 8 MB Flash
48 KB RAM, 8 MB Flash
Chip
BlueCore-04
BlueCore-04
BlueCore-04
BlueCore-05 Multimedia
Supports Bluelab SDK
Yes
Yes
Yes
Yes
Certifications
Bluetooth, CE, FCC, IC
and MK
Bluetooth, CE, FCC, IC and
MIC
Bluetooth, CE, FCC and IC
Bluetooth, CE, FCC and IC
Ability to host applications
Yes
Yes
Yes
Yes
Firmware options
iWRAP, HCI, Custom
iWRAP, HCI, Custom
iWRAP, HCI, Custom
iWRAP, Custom
Size
35 x 14 x 2,3 mm
35 x 14 x 2,3 mm
26 x 14 x 2,4 mm
24 x 16 x 0,3 mm
Profiles
SPP, DUN, HFP, HSP, HID,
AVRCP, DI, PBAP, OPP,
FTP, HDP
SPP, DUN, HFP, HSP, HID,
AVRCP, DI, PBAP, OPP,
FTP, HDP
SPP, DUN, HFP, HSP, HID,
AVRCP, DI, PBAP, OPP,
FTP, HDP
SPP, DUN, HFP, HSP, HID,
AVRCP, DI, PBAP, OPP,
FTP, HDP, A2DP
www.bluegiga.com


Similar Part No. - WT32

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
WT32 SILABS-WT32 Datasheet
1Mb / 19P
WT32 EVALUATION KIT
Version 2.2
logo
List of Unclassifed Man...
WT32-A-AI ETC2-WT32-A-AI Datasheet
317Kb / 2P
WT32 Bluetooth짰 Audio Module?
WT32-A-AI ETC2-WT32-A-AI Datasheet
308Kb / 3P
Integrated DSP, stereo codec and battery charger
WT32-A-AI4 ETC2-WT32-A-AI4 Datasheet
308Kb / 3P
Integrated DSP, stereo codec and battery charger
WT32-E-AI ETC2-WT32-E-AI Datasheet
308Kb / 3P
Integrated DSP, stereo codec and battery charger
More results

Similar Description - WT32

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MBH7BT08 FUJITSU-MBH7BT08 Datasheet
93Kb / 13P
Bluetooth Specification Version 1.1 Compliant
logo
Delta Electronics, Inc.
DFBM-CH120 DELTA-DFBM-CH120 Datasheet
57Kb / 6P
Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.1.
DFBM-CR220 DELTA-DFBM-CR220 Datasheet
56Kb / 7P
Bluetooth Module Class 2 Wireless communication module compliant with Bluetooth Specification V1.2
logo
DB Lectro Inc
BCD100 DBLECTRO-BCD100 Datasheet
310Kb / 2P
Fully qualified with Bluetooth v2.0 EDR specification
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
Bluetooth v2.0EDR specification
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
Bluetooth v2.0 EDR specification
ESD100V2 DBLECTRO-ESD100V2 Datasheet
396Kb / 2P
Output Interface UART, Bluetooth Specification
ESD110V2 DBLECTRO-ESD110V2 Datasheet
379Kb / 2P
Output Interface UART, Bluetooth Specification
SD1000U DBLECTRO-SD1000U Datasheet
333Kb / 2P
Bluetooth Specification v2.0 EDR Class 1
logo
LAPIS Semiconductor Co....
ML7125-001 LAPIS-ML7125-001 Datasheet
1Mb / 33P
Bluetooth Smart LSI supporting Core Specification
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com