Electronic Components Datasheet Search
  English  ▼

X  

P36101 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # P36101
Description  P36 P36S SERIES ROTARY DIP SWITCHES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P36101 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  P36101 Datasheet HTML 1Page - List of Unclassifed Manufacturers P36101 Datasheet HTML 2Page - List of Unclassifed Manufacturers P36101 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
P11
* 'None' indicates no option suffix is required.
CODES
COMP. OF BINARY
CODED HEXADEC. (06)
16 Positions
Dial No.
1
2
4
8
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
BINARY CODED
DECIMAL (01)
10 Positions
Dial No.
1
2
4
8
0
1
2
3
4
5
6
7
8
9
BINARY CODED
HEXADECIMAL (03)
16 Positions
Dial No.
1
2
4
8
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
COMP. OF BINARY
CODED DECIMAL (02)
10 Positions
Dial No.
1
2
4
8
0
1
2
3
4
5
6
7
8
9
NOTE: For each dial position in tables, Common ter-
minals (C)
are connected
to terminal number(s)
indicated - i.e. - none or combinations of 1, 2, 4 or 8.
Each model in this series has 2 Common terminals.
STANDARD OPTIONS BY SERIES:
Series
P36
P36S
Actuators
1
Arrow shaped slot
XX
3
Spindle
XX
8
Slotted spindle
XX
Codes
01 BCD
XX
02 BCD complement
XX
03 Hexadecimal
XX
06 Hexadecimal Comp.
XX
Terminals
None
Straight
X
V
Crimped
X
L254
Rt. angle 2.54 (.100")
X
None
SMT
X
ORDER GUIDE:
Make selections from the above table in sequence
to specify a complete model number.
Note that 'None' indicates that no option suffix is
required.
Example;
P36 & P36S SERIES
P36101V
Actuator
Terminals
Code
Series
ACTUATORS
1 Arrow
3 Spindle
8 Slotted
shaped slot
spindle*
* Slotted spindle actuator is color coded to truth table code selec
tion as follows: BCD - red, BCD complement - Orange,
Hexadecimal - gray, Hexadecimal complement - white.
MECHANICAL OUTLINES
Terminal option suffix*:
Mtg. hole pattern:
Tape and reel packaging available for SMT models - consult factory.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com