Electronic Components Datasheet Search
  English  ▼

X  

P2G-D Datasheet(PDF) 3 Page - PANDUIT CORP.

Part # P2G-D
Description  P-CONN TM SCREW-ON WIRE CONNECTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P2G-D Datasheet(HTML) 3 Page - PANDUIT CORP.

  P2G-D Datasheet HTML 1Page - PANDUIT CORP. P2G-D Datasheet HTML 2Page - PANDUIT CORP. P2G-D Datasheet HTML 3Page - PANDUIT CORP. P2G-D Datasheet HTML 4Page - PANDUIT CORP. P2G-D Datasheet HTML 5Page - PANDUIT CORP. P2G-D Datasheet HTML 6Page - PANDUIT CORP. P2G-D Datasheet HTML 7Page - PANDUIT CORP. P2G-D Datasheet HTML 8Page - PANDUIT CORP. P2G-D Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
CMA*
1920
3 #22
3 #20 2 #18
2 #14
2 #12
3 #12
3 #10
WIRE COMBINATIONS
2 #8
4 #10
2 #6
3060
3240
8220
13060 16850
19590
30960 33020
41280
52540
62860
1 #10
1 #12
2 #6
1 #10
PH1
PH2
®
LISTED
587H
CERTIFIED
* CMA = Circular Mil Area (See Wire Combination Table, Page 10)
Insulation
Panduit
Wire Range
CMA Range
Pkg. Qty./
Color
Part Number
Min.
Max.
Min.
Max.
Type
Tan
PH1-C
(3) #22 AWG
(5) #12 AWG
1,920
35,250
100 Box
PH1-D
500 Bag
Gray
Hex Shaped Head
Makes twisting multiple wires
quick and easy with the use of
a nut driver.
(1) #12 AWG
(1) #14 AWG
(2) #8 AWG
(2) #12 AWG
PH2-L
PH2-TL
9,060
46,080
50 Box
250 Bag
P-CONNTM SIDEWINDERTM SCREW-ON WIRE CONNECTORS
SIDEWINDER TM Hex Style
SIDEWINDER TM Capacity Chart
These high-quality connectors provide an expand-
ed wire range capability which can reduce inven-
tory. Twist them on by hand, or utilize a nut driver
on the hexagonal shaped head for easy installa-
tion. They are UL and CSA approved and
designed for optimum performance in a variety of
applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com