Electronic Components Datasheet Search
  English  ▼

X  

BUF12840 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BUF12840
Description  Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF12840 Datasheet(HTML) 2 Page - Texas Instruments

  BUF12840 Datasheet HTML 1Page - Texas Instruments BUF12840 Datasheet HTML 2Page - Texas Instruments BUF12840 Datasheet HTML 3Page - Texas Instruments BUF12840 Datasheet HTML 4Page - Texas Instruments BUF12840 Datasheet HTML 5Page - Texas Instruments BUF12840 Datasheet HTML 6Page - Texas Instruments BUF12840 Datasheet HTML 7Page - Texas Instruments BUF12840 Datasheet HTML 8Page - Texas Instruments BUF12840 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
BUF12840
SBOS519A
– OCTOBER 2010 – REVISED JULY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE
DESIGNATOR
PACKAGE MARKING
TRANSPORT MEDIA, QUANTITY
BUF12840
VQFN-24
RGE
BUF12840
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
PARAMETER
BUF12840
UNIT
Supply Voltage
VS
+22
V
Supply Voltage
VSD
+6
V
Supply Input Terminals, SCL, SDA, A0, BKSEL, EA0, EA1, EN, LD: Voltage
–0.5 to +6
V
Supply Input Terminals, SCL, SDA, A0, BKSEL, EA0, EA1, EN, LD: Current
±10
mA
Output Short-Circuit(2)
Continuous
Operating Temperature
–40 to +95
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
TJ
+125
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Short-circuit to ground. Exposed thermal die is soldered to the PCB using thermal vias. Refer to Texas Instruments application report
QFN/SON PCB Attachment (SLUS271).
THERMAL INFORMATION
BUF12840
THERMAL METRIC(1)
RGE
UNITS
24 PINS
θJA
Junction-to-ambient thermal resistance
35.6
θJC(top)
Junction-to-case(top) thermal resistance
40.5
θJB
Junction-to-board thermal resistance
10.0
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
9.9
θJC(bottom)
Junction-to-case(bottom) thermal resistance
3.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com