Electronic Components Datasheet Search
  English  ▼

X  

P1-D Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # P1-D
Description  P-CONN TM SCREW-ON WIRE CONNECTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P1-D Datasheet(HTML) 1 Page - PANDUIT CORP.

  P1-D Datasheet HTML 1Page - PANDUIT CORP. P1-D Datasheet HTML 2Page - PANDUIT CORP. P1-D Datasheet HTML 3Page - PANDUIT CORP. P1-D Datasheet HTML 4Page - PANDUIT CORP. P1-D Datasheet HTML 5Page - PANDUIT CORP. P1-D Datasheet HTML 6Page - PANDUIT CORP. P1-D Datasheet HTML 7Page - PANDUIT CORP. P1-D Datasheet HTML 8Page - PANDUIT CORP. P1-D Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
P-CONN
TM SCREW-ON WIRE CONNECTORS
Table of Contents
P-CONN ™ SIDEWINDER ™ Screw-on Wire Connectors (Hex Style)
Features and benefits ............................................. Page 2
Wire ranges and capacities .................................... Page 3
P-CONN ™ HAWK ™ Screw-on Wire Connectors (Wing Style)
Features and benefits ............................................. Page 4
Wire ranges and capacities .................................... Page 5
P-CONN ™ SHARK ™ Screw-on Wire Connectors (Fin Style)
Features and benefits .............................................. Page 6
Wire ranges and capacities ..................................... Page 7
P-CONN ™ PYTHON ™ Screw-on Wire Connectors (Nut Style)
Features and benefits .............................................. Page 8
Wire ranges and capacities ..................................... Page 9
Capacity Comparisons
Fin, Hex and Wing Style Tables . . . . . . . . . . . . . . . . . . . . . . Page 10
Nut Style Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 11
Wire Combination Table . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 11
PICK-A-P-CONN ™ Assortment Kits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 12
QUICK-SPIN ™ Twist-on Tools . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 12
PAN-TERM ® Crimp-on Wire Joints . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Page 12


Similar Part No. - P1-D

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
P1-1A15-P010 COSMO-P1-1A15-P010 Datasheet
83Kb / 1P
Outside Dimension竊쉀nit (mm)
logo
Eaton All Rights Reserv...
P1-25 EATON-P1-25 Datasheet
306Kb / 4P
Main�switchFlush�mounting
02/17/2014
P1-25 EATON-P1-25 Datasheet
328Kb / 6P
Main switch, 3 pole, 25 A, Emergency-Stop function, Lockable in the 0 (Off) position, surface mounting
12/21/2015
P1-25 EATON-P1-25 Datasheet
334Kb / 6P
Main switch, 3 pole N, 25 A, Emergency-Stop function, Lockable in the 0 (Off) position, flush mounting
03/17/2016
P1-25 EATON-P1-25 Datasheet
331Kb / 6P
Main switch, 3 pole N, 25 A, Emergency Stop function, Lockable in the 0 (Off) position, surface mounting
03/18/2016
More results

Similar Description - P1-D

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
0164 SCHURTER-0164 Datasheet
297Kb / 2P
IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
logo
Assmann Electronics Inc...
A-HDS15-HOOD-WP-R ASSMANN-A-HDS15-HOOD-WP-R Datasheet
112Kb / 1P
D-SUB CONN. ASSY SCREW HO15P M CONN M PIN
A-HDS26-HOOD-WP-R ASSMANN-A-HDS26-HOOD-WP-R Datasheet
121Kb / 1P
D-SUB CONN. ASSY SCREW HD26P M CONN M PIN
A-HDS44-HOOD-WP-R ASSMANN-A-HDS44-HOOD-WP-R Datasheet
120Kb / 1P
D-SUB CONN. ASSY SCREW HD44P M CONN M PIN
logo
Weidmuller
0511272005 WEIDMULLER-0511272005 Datasheet
61Kb / 1P
1.25 DUAL WIRE TO BOARD CONN. HOUSING
logo
Molex Electronics Ltd.
0505398000 MOLEX11-0505398000 Datasheet
118Kb / 2P
3.96 WIRE TO BOARD CONN CRIMP RECEPTACLE
51021-0600 MOLEX11-51021-0600 Datasheet
84Kb / 2P
1.25 WIRE TO BOARD CONN. RECEPTACLE HOUSING
51115-1611 MOLEX11-51115-1611 Datasheet
77Kb / 1P
4.0 WIRE TO WIRE CONN
logo
Schurter Inc.
0164 SCHURTER-0164_V01 Datasheet
156Kb / 2P
IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
17.05.2016
logo
List of Unclassifed Man...
12047662 ETC-12047662 Datasheet
92Kb / 1P
TAXI CONN F M/P 150
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com