Electronic Components Datasheet Search
  English  ▼

X  

P2-C Datasheet(PDF) 7 Page - PANDUIT CORP.

Part # P2-C
Description  P-CONN TM SCREW-ON WIRE CONNECTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P2-C Datasheet(HTML) 7 Page - PANDUIT CORP.

Back Button P2-C Datasheet HTML 3Page - PANDUIT CORP. P2-C Datasheet HTML 4Page - PANDUIT CORP. P2-C Datasheet HTML 5Page - PANDUIT CORP. P2-C Datasheet HTML 6Page - PANDUIT CORP. P2-C Datasheet HTML 7Page - PANDUIT CORP. P2-C Datasheet HTML 8Page - PANDUIT CORP. P2-C Datasheet HTML 9Page - PANDUIT CORP. P2-C Datasheet HTML 10Page - PANDUIT CORP. P2-C Datasheet HTML 11Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Insulation
Panduit
Wire Range
CMA Range
Pkg. Qty./
Color
Part Number
Min.
Max.
Min.
Max.
Type
Yellow
PF1-C
(3) #22 AWG
(3) #12 AWG
1,920
19,590
100 Box
PF1-D
500 Bag
Red
PF2-C
(3) #22 AWG
(5) #12 AWG
1,920
32,650
100 Box
PF2-D
500 Bag
Blue
PF4-L
(1) #12 AWG
(1) #6 AWG
10,640
59,290
50 Box
PF4-TL
(1) #14 AWG
(2) #8 AWG
250 Bag
®
P-CONN TM SHARK TM SCREW-ON WIRE CONNECTORS
LISTED
587H
CERTIFIED
CMA*
1920
3 #22
2 #18
3 #20
2 #14
2 #12
3 #12
3 #10
WIRE COMBINATIONS
2 #8
4 #10
2 #6
3240
3060
8220
13060 16850
19590
30960 33020
41280
52540
62860
1 #10
1 #12
2 #6
1 #10
PF1
PF2
PF4
PF2G
®
Green
PF2G-C
(2) #14 AWG
(5) #12 AWG
8,220
32,650
100 Box
PF2G-D
500 Box
How grounding wire connector
is typically used . . .
A. System grounding wire
B. System grounding wire
C. "Through" wire between device
and box ground
Color-coded Green for quick identification as grounding connector.
LISTED
98X8
CERTIFIED
* CMA = Circular Mil Area (See Wire Combination Table, Page 10)
These high-quality wire connectors provide an
expanded wire range capability and are fully UL
and CSA Approved. They are designed for
optimum performance in a variety of applications
including manufacturing, maintenance and new
construction.
SHARK TM Fin Style
SHARK TM Capacity Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com