Electronic Components Datasheet Search
  English  ▼

X  

P72-D Datasheet(PDF) 12 Page - PANDUIT CORP.

Part # P72-D
Description  P-CONN TM SCREW-ON WIRE CONNECTORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P72-D Datasheet(HTML) 12 Page - PANDUIT CORP.

Back Button P72-D Datasheet HTML 4Page - PANDUIT CORP. P72-D Datasheet HTML 5Page - PANDUIT CORP. P72-D Datasheet HTML 6Page - PANDUIT CORP. P72-D Datasheet HTML 7Page - PANDUIT CORP. P72-D Datasheet HTML 8Page - PANDUIT CORP. P72-D Datasheet HTML 9Page - PANDUIT CORP. P72-D Datasheet HTML 10Page - PANDUIT CORP. P72-D Datasheet HTML 11Page - PANDUIT CORP. P72-D Datasheet HTML 12Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
SA101N146D-NL
Printed in U.S.A.
Panduit Corp.
17301 Ridgeland Avenue
Tinley Park, IL 60477-3091
Phone: 888-506-5400, Ext. 2241
708-532-1800
FAX: 815-485-5839
Email: info@panduit.com
Website: www.panduit.com
Panduit Canada
Div. of Panduit Corp.
140 Amber Street
Markham, Ontario L3R 3J8
Phone: 800-387-9689
FAX: 905-475-6998
WORLDWIDE SUBSIDIARIES AND SALES OFFICES
P-CONN
TM SCREW-ON WIRE CONNECTORS
A collection of the
most popular wire
connectors pack-
aged in a sturdy,
reusable plastic box.
Part Number
Description
Kit includes:
1
Reusable plastic box
100
Yellow P1
100
Orange P73
75
Red P2
15
Blue P4
2
Quick-Spins
Kit includes:
100
Yellow PF1
100
Orange P73
75
Red PF2
15
Blue PF4
2
Quick-Spins
Solderless crimp - preferred for applications subject to vibration.
*Except
JN314-412,
J216-410
KP-305
KP-305S
®
Panduit
Insul.
Wire Range
CMA Range
Std.
Bulk
Part Number
Color
Min.
Max.
Min.
Max.
Pkg.
Pkg.
Nylon Insulated
JN224-318-C
Red
(2) #24 AWG
(3) #18 AWG
808
5,160
100
1000
JN218-216-C
Clear
(2) #22 AWG
(2) #16 AWG
1,284
5,160
100
1000
JN418-212-C
Clear
(4) #18 AWG
(2) #12 AWG
6,480
14,750
100
500
JN314-412-C
Clear
(3) #14 AWG
(4) #12 AWG
10,320
26,120
100
1000
Non-Insulated
J214-312-T
–
(2) #14 AWG
(3) #12 AWG
5,760
19,590
200
2000
J318-412-T
–
(3) #18 AWG
(4) #12 AWG
4,860
27,330
200
2000
J216-410-L
–
(2) #16 AWG
(4) #10 AWG
5,160
41,600
50
500
Use these handy tools for quick and easy installation of screw-on
and nut style connectors. Fits 1/4" drill (not included).
LISTED*
CERTIFIED*
Part Number
For use with Part Number
PQS1
P1, P2
HAWK TM Wing Style
PQS2
P72, P73, P72HT, P73HT
PYTHON TM Nut Style
PQS3
P74, P76, P74HT, P76HT
PYTHON TM Nut Style
PQS4
PF1, PF2
SHARK TM Fin Style
Our products are warranted to be free from defects in material and workmanship at the
time of sale but our obligation under this warranty is limited to the replacement of any
product proved to be defective within 6 months (for product) or 90 days (for tools) from
the date of delivery. Tool warranty is void if Panduit tools are modified, altered or mis-
used in any way. Use of Panduit tooling with any product other than the specified
Panduit products for which the tool was designed, constitutes misuse. Before using,
user shall determine the suitability of the product for his intended use and user
assumes all risk and liability whatsoever in connection herewith.
This warranty is made in lieu of and excludes all other warranties expressed or implied.
THE IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR
PARTICULAR USE ARE SPECIFICALLY EXCLUDED. Neither seller nor manufacturer
shall be liable for any other injury, loss or damage, whether direct or consequential,
arising out of the use of, or the inability to use, the product.
The information contained in this literature is based on our experience to date and is
believed to be reliable. It is intended as a guide for use by persons having technical skill
at their own discretion and risk. We do not guarantee favorable results or assume any
liability in connection with its use. Dimensions contained herein are for reference pur-
poses only. For specific dimensional requirements consult the factory. This publication
is not to be taken as a license to operate under, or a recommendation to infringe any
existing patents. This supersedes and voids all previous literature, etc.
“Pick-A-P-CONN TM” Assortment Kits
For Pricing and Further Information –
Contact your local authorized
PANDUIT Distibutor or Sales Office
"QUICK-SPIN" Installation Tools
Crimp Joints
ELECTRICAL PRODUCTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com