Electronic Components Datasheet Search
  English  ▼

X  

MP240D2 Datasheet(PDF) 6 Page - Opto Electronics Co,. LTD

Part # MP240D2
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

MP240D2 Datasheet(HTML) 6 Page - Opto Electronics Co,. LTD

Back Button MP240D2 Datasheet HTML 2Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 3Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 4Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 5Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 6Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 7Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 8Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 9Page - Opto Electronics Co,. LTD MP240D2 Datasheet HTML 10Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
6
480/575 Volt
Surge Current Data
Thermal Ratings
Model
Number
Nominal
AC Line
Voltage
Nominal
Current
Rating
(Amps)
1 cycle
Surge
(Amps)
Peak
Nominal
Signal Input
Resistance
(Ohms)
Signal
Pick-up
Voltage
Signal
Drop-
out
Voltage
Peak
Repetitive
Voltage
Maximum
Maximum
Output
Voltage
Drop
Off-State
Leakage
(mA)
Maximum**
Operating
Voltage
Range
(Volts AC)
I2t
Rating
t=8.3
(ms)
Isolation
Voltage
θjc*
(°C/Watt)
Dissipation
(Watts/Amp)
480D10-12
480
10
110
1000
3VDC
(32V allowed)
1 VDC
1200
3.2 volts
11 mA
100–530
50
4,000VRMS
1.2
2.5
480D15-12
480
15
150
1000
3VDC
(32V allowed)
1 VDC
1200
3.2 volts
11 mA
100–530
50
4,000VRMS
1.2
2.5
480D25-12
480
25
250
1000
3VDC
(32V allowed)
1 VDC
1000
1.6 volts
11 mA
100–530
250
4,000VRMS
1.3
1.3
480D45-12
480
45
650
1000
3VDC
(32V allowed)
1 VDC
1000
1.6 volts
11 mA
100–530
1750
4,000VRMS
0.67
0.9
575D15-12
575
15
150
1000
3VDC
(32V allowed)
1 VDC
1200
3.2 volts
15 mA
100–600
90
4,000VRMS
1.2
2.5
575D45-12
575
45
650
1000
3VDC
(32V allowed)
1 VDC
1000
1.6 volts
15 mA
100–600
1750
4,000VRMS
0.67
0.9
575Di45-12
575
45
650
730
3VDC
(32V allowed)
1 VDC
1000
1.6 volts
15 mA
100–600
1750
4,000VRMS
0.67
0.9
Note:
θjc* = Thermal resistance from internal junction to base. Maximum internal junction temperature is 110 °C.
** Operating Frequency: 25 to 65 Hz (operates at 400 Hz with 6 times the offstate leakage)
Time
Second
Time***
(Cycles)
10-Amp
Peak
Amps
15-Amp
Peak
Amps
25-Amp
Peak
Amps
45-Amp
Peak
Amps
0.017
1
110
150
250
650
0.050
3
85
140
175
420
0.100
6
70
110
140
320
0.200
12
60
90
112
245
0.500
30
50
70
80
175
1
60
40
55
67
134
2
120
33
49
53
119
3
180
32
47
49
98
4
240
31
43
47
95
5
300
30
40
45
91
10
600
28
35
42
84
Note: ***60 HZ
Mounted on a heat sink with
1 °C/watt rating
Mounted on a heat sink with
2 °C/watt rating



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com