Electronic Components Datasheet Search
  English  ▼

X  

240Di45 Datasheet(PDF) 18 Page - Opto Electronics Co,. LTD

Part # 240Di45
Description  Solid-State Relays
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

240Di45 Datasheet(HTML) 18 Page - Opto Electronics Co,. LTD

Back Button 240Di45 Datasheet HTML 14Page - Opto Electronics Co,. LTD 240Di45 Datasheet HTML 15Page - Opto Electronics Co,. LTD 240Di45 Datasheet HTML 16Page - Opto Electronics Co,. LTD 240Di45 Datasheet HTML 17Page - Opto Electronics Co,. LTD 240Di45 Datasheet HTML 18Page - Opto Electronics Co,. LTD 240Di45 Datasheet HTML 19Page - Opto Electronics Co,. LTD 240Di45 Datasheet HTML 20Page - Opto Electronics Co,. LTD 240Di45 Datasheet HTML 21Page - Opto Electronics Co,. LTD 240Di45 Datasheet HTML 22Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
18
Opto 22 SSRs for controlling single-phase motors are shown in
the following tables:
Solid-State Relays in Series
In applications requiring higher voltage, two Opto 22 SSRs
may be operated in series for double the voltage rating. The
built-in snubber in each SSR assures proper voltage sharing of
the two SSRs in series. In the following diagram, two 240-volt,
45-amp SSRs are connected in series for operation on a 480-
volt line. The control is shown with a parallel hook-up but it
should be noted that a serial connection can also be
implemented.
Lamp Loads
Since all Opto 22 AC output SSRs use zero-voltage turn-on, they
are ideal for driving incandescent lamps, because the initial
inrush current into a cold filament is reduced. The life of the
lamp is increased when switched by a zero-voltage turn-on SSR.
The following table is a guide to selecting an Opto 22 SSR for
switching a given incandescent lamp.
120-Volt Single-Phase
Non-Reversing Motors
SSR Model
MOTOR RATING
P or MP120D2
1 Amp
Z120D10
1/4 HP
120D3
1-1/2 Amp
P or MP120D4
1-1/2 Amp
120D10 or 120A10
1/4 HP
120D25 or 120A25
1/3 HP
120D45
3/4 HP
240-Volt Single Phase
Non-Reversing Motors
SSR Model
MOTOR RATING
P or MP240D2
1 Amp
Z240D10
1/4 HP
240D3
1-1/2 Amp
P or MP240D4
1-1/2 Amp
240D10 or 240A10
1/3 HP
240D25 or 120A25
1/2 HP
240D45
1-1/2 HP
120-Volt Single-Phase
Reversing Motors
SSR Model
MOTOR RATING
P or MP240D2
1 Amp
Z240D10
1/4 HP
240D3
1-1/2 Amp
P or MP240D4
1-1/2 Amp
240D10 or 240A10
1/4 HP
240D25 or 120A25
1/3 HP
240D45
3/4 HP
240-Volt Single-Phase
Reversing Motors
SSR Model
MOTOR RATING
480D10-12
1/4 HP
480D15-12
1/4 HP
120 Volt Lamps
SSR CURRENT RATING
LAMP RATING
2-Amp
100 Watt
4-Amp
400 Watt
10-Amp
1 Kilowatt
25-Amp
2 Kilowatt
45-Amp
3 Kilowatt
240 Volt Rating
SSR CURRENT RATING
LAMP RATING
2-Amp
200 Watt
4-Amp
800 Watt
10-Amp
2 Kilowatt
25-Amp
4 Kilowatt
45-Amp
6 Kilowatt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com