Electronic Components Datasheet Search
  English  ▼

X  

PC923XI Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC923XI
Description  High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923XI Datasheet(HTML) 2 Page - Sharp Corporation

  PC923XI Datasheet HTML 1Page - Sharp Corporation PC923XI Datasheet HTML 2Page - Sharp Corporation PC923XI Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PC923X
O2 output
Tr. 1
Tr. 2
ON
High level
ON
OFF
OFF
Low level
OFF
ON
(Unless specified, Ta=Topr)
MIN.
TYP.
MAX.
VF1
1.6
1.75
V
VF2
1.2
1.5
V
IR
10
Ct
30
250
pF
VCC
15
30
V
VO1L
0.2
0.4
V
VO2H
18
21
V
VO2L
1.2
2.0
V
IO1L
500
IO2L
500
µA
ICCH
610
mA
14
mA
ICCL
813
mA
17
mA
IFLH
0.3
1.5
3.0
mA
VCC= 24 V
0.2
5.0
mA
RISO
40 to 60 %RH
5 x 10
10
1 x 10
11
Ω
tPLH
Ta= 25 ˚C,
VCC= 24 V,IF= 5 mA,
RG= 47
Ω, CG= 3000 pF
0.3
0.5
tPHL
0.3
0.5
Rise time
tr
0.2
0.5
tr
0.2
0.5
CMH
-1 500
CML
VCC= 24 V,
∆VO2L= 2.0 V
1 500
V/
µs
Parameter
Symbol
Conditions
Unit
Input
"Low
→High"transfer time
"High
→Low"transfer time
Ta=25 ˚C,
VCM=600 V(peak), IF= 0 mA
Electro-optical Characteristics
VCC= 24 V,
∆VO2H= 2.0 V
Ta=25 ˚C,
VCM=600 V(peak), IF=5 mA
Ta= 25 ˚C, DC= 500 V
Ta=25˚C,
VCC= 24 V
Ta= -10 to 60 ˚C
VCC= 24 V, IF= 0 mA
Ta=25 ˚C,
VCC= 24 V, IF= 0 mA
VCC= 24 V, IF= 5 mA
Ta=25 ˚C,
VCC= 24 V, IF= 5 mA
Ta= 25 ˚C,
VCC=VO2= 35 V, IF=5 mA
Ta= 25 ˚C,
VCC=VO1= 35 V, IF=0 mA
VCC= 24 V, IO2= 0.1 A, IF= 0
IF= 5 mA
VCC=VO1= 24 V, IO2= -0.1 A,
VCC1=12 V, VCC2= -12 V,
IO1= 0.1 A, IF= 5 mA
Ta=25 ˚C, V= 0, f= 1 kHz
Ta= 25 ˚C,
VR= 5 V
Ta= 25 ˚C,
IF= 0.2 mA
Ta= 25 ˚C,
IF =10 mA
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
−
15
24
V
−
−
−
−
−
−
−
−
V/
µs
µs
µA
µA
Forward voltage
Reverse current
Operation temperature supply voltage
O1 low level output voltage
O2 high level output voltage
O2 low level output voltage
O1 leak current
O2 leak current
High level supply current
Low level supply current
Fall time
OPIC Photocoupler
Terminal capacitance
"Low
→High" thresh hold
input current *5
Isolation resistance
*5 IFLH is forward current when output
O2 become "Low" to "High"
Transfer
characteristics
Input
Output
Instantaneous common mode rejection
voltage
"Output:High level"
Instantaneous common mode rejection
voltage "Output: Low level"
Truth Table
*6 When measuring output and transfer characteristics, connect a by-pass capacitor(0.01
µF or more) between VCC and
GND near the device.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com