Electronic Components Datasheet Search
  English  ▼

X  

PC923X Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC923X
Description  High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923X Datasheet(HTML) 1 Page - Sharp Corporation

  PC923X Datasheet HTML 1Page - Sharp Corporation PC923X Datasheet HTML 2Page - Sharp Corporation PC923X Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PC923X
OPIC Photocoupler
High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
Built-in direct drive circuit for MOS-FET/IGBT
drive
(IO1P, IO2P : 0.4 A)
High speed response
(tPHL,tPLH : MAX. 0.5
µs)
Wide operating supply voltage range
(VCC : 15 to 30 V, Ta= -10 to 60 ˚C )
High noise reduction type
(CMH=MIN. -1 500 V/
µs)
(CML=MIN. 1 500 V/
µs)
High isolation voltage (Viso(rms) : 5 kV)
(1) Inverter controlled air conditioners
Internal connection
Input
Forward current
IF
20
mA
VR
6V
Output
Supply voltage
VCC
35
V
IO1
0.1
A
IO1P
0.4
A
IO2
0.1
A
IO2P
0.4
A
VO1
35
V
Power dissipation
PO
500
mW
Total power dissipation
Ptot
550
mW
Isolation voltage
Viso(rms)
5.0
kV
Operating temperature
Topr
-20 to +80
Storage temperature
Tstg
-55 to +125
˚C
Soldering temperature
Tsol
260
*3 40 to 60%RH, AC for 1 minute, Ta=25˚C
*2 Pulse width
≤ 0.15 µs, duty ratio= 0.01
*2
*2
O1
O1
O2
O2
O1
Output current
Peak output current
Output current
Peak output current
Output voltage
7
5
6
8
1
2
3
4
9.66
1.2
0.85
7.62
0.26
2.54
0.5
Interface
87
6
1
23
4
5
3
NC
4 NC
7 GND
5 O1
6 O2
8 Vcc
1
Anode
2
Cathode
(Unit : mm)
Outline Dimensions
Features
Applications
Absolute Maximum Ratings
(Notice)
• In the absence of device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP device
shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
• Specifications are subject to change without notice for improvement.
(Internet) • Data for SHARP's optoelectronic/power device is provided for internet. (Address http://www.sharp.co.jp/ecg/)
Parameter
Symbol
Ratings
Unit
Reverse voltage
*1
*3
*4
(Unless specified, Ta=Topr)
˚C
˚C
*1 Ta=25˚C
*4 For 10s
PC923
* "OPIC" (Optical IC) is a trademark of the SHARP Corporation.
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
(1)
(2)
(3)
(4)
(5)


Similar Part No. - PC923X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
More results

Similar Description - PC923X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
6N137 SHARP-6N137 Datasheet
67Kb / 5P
Super High Speed Response OPIC Photocoupler
6N138 SHARP-6N138 Datasheet
67Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
6N139 SHARP-6N139 Datasheet
68Kb / 5P
High Sensitivity, High Speed OPIC Photocoupler
PC910X SHARP-PC910X Datasheet
66Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC912X SHARP-PC912X Datasheet
62Kb / 5P
Ultra-high Speed Response OPIC Photocoupler
PC917X SHARP-PC917X Datasheet
59Kb / 4P
High Speed, High CMR OPIC Photocoupler
PC923 SHARP-PC923 Datasheet
86Kb / 6P
High Speed Photocoupler for MOS-FET / IGBT Drive
PC924 SHARP-PC924 Datasheet
85Kb / 6P
OPIC Photocoupler for IGBT Drive of Inverter
PC923L SHARP-PC923L Datasheet
322Kb / 18P
High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PC924X SHARP-PC924X Datasheet
46Kb / 3P
OPIC Photocoupler for IGBT Drive of Inverter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com