Electronic Components Datasheet Search
  English  ▼

X  

PI6C2402 Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C2402
Description  Phase-Locked Loop Clock Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C2402 Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C2402 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C2402 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C2402 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C2402 Datasheet HTML 4Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
PS8418I
11/13/08
Pin Configuration
Block Diagram
PI6C2402
Features
• Clock doubler
• High-Performance Phase-Locked-Loop Clock Distribution for
Networking, ATM, 100 MHz and 134 MHz Registered DIMM
Synchronous DRAM modules for server, workstation, and PC
applications
• Zero Input-to-Output delay
• Cycle-to-Cycle jitter ≤ ±150ps max.
• On-chip series damping resistor at clock output drivers
for low noise and EMI reduction
• Operates at 3.3V VCC
• Packaging (Pb-free & Green available):
— 8-pin SOIC Package (W)
Phase-Locked Loop Clock Driver
Description
The PI6C2402 features a low-skew, low-jitter, Phase-Locked Loop
(PLL) clock driver. By connecting the feedback CLK_OUT out-
put to the feedback FB_IN input, the propagation delay from the
CLK_IN input to any clock output will be nearly zero.The PI6C2402
provides 2X CLK_IN on CLK_OUT output.
Applications
If the system designer needs more than 16 outputs with the fea-
tures just described, using two or more zero-delay buffers such
as the PI6C2509, and the PI6C2510, are likely to be impractical.
The device-to-device skew introduced can significantly reduce
the performance. Pericom recommends the use of a zero-delay
buffer and an eighteen output non-zero-delay buffer. As shown in
Figure 1, this combination produces a zero-delay buffer with all the
signal characteristics of the original zero-delay buffer, but with as
many outputs as the non-zero-delay buffer part. For example, when
combined with an eighteen output non-zero delay buffer, a system
designer can create a seventeen-output zero-delay buffer.
Figure 1. Zero-Delay Buffering Diagram
17
Zero Delay
Buffer
PI6C2402
Reference
Clock
Signal
CLK_OUT
Feedback
18 Output
Non-Zero
Delay
Buffer
Control Input
S
Outputs Source
PLL Shutdown
HIGH
PLL
Disabled
LOW
CLK_IN
Enabled
CLK_IN
FB_IN
S
PLL
CLK_OUT
÷2
1
2
3
AVCC
4
CLK_OUT
CLK_IN
GND
FB_IN
8
7
6
5
AGND
VCC
S
08-0298


Similar Part No. - PI6C2402

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401W PERICOM-PI6C2401W Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401WE PERICOM-PI6C2401WE Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
PI6C2404A-1 PERICOM-PI6C2404A-1 Datasheet
241Kb / 6P
Zero-Delay Clock Buffer
More results

Similar Description - PI6C2402

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2401 PERICOM-PI6C2401 Datasheet
71Kb / 4P
Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
Phase-Locked Loop Clock Driver
logo
Texas Instruments
CDCVF2505-Q1 TI1-CDCVF2505-Q1 Datasheet
225Kb / 10P
3.3-V CLOCK PHASE-LOCKED LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857_16 Datasheet
1Mb / 22P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
CDCVF857 TI1-CDCVF857_17 Datasheet
1Mb / 23P
2.5-V PHASE-LOCKED-LOOP CLOCK DRIVER
logo
Renesas Technology Corp
CSPT855 RENESAS-CSPT855 Datasheet
265Kb / 11P
2.5V PHASE LOCKED LOOP CLOCK DRIVER
NOVEMBER 2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com