| Electronic Components Datasheet Search |
|
PM-R54 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
PM-R54 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 3 page ![]() PM Photoelectric Sensors The ultra-small PM series of u-shaped photoelectric sensors provides a wide range of 29 different models to suit any of your application needs. With the industry's smallest size, the PM series plays a key role in the miniaturization of your equipment. All models are equipped with two outputs, one for Light-ON and the other for Dark-ON sensing. This increases the versatility of the sensor for use in existing applications. The series is also available in a connector type to maximize ease of installation and allow for wire replacement if the cable is severed. The PM series conforms to the European EMC Directive and carries UL Recognition. Both NPN and PNP transistor output models are available. Model Name Type Output Operation Output Configuration Emitting Element Max. Range (mm) Max. Range (in) Quick Disconnect Sort Sort Sort Sort Sort Sort Sort Sort PM-F54 Small F-Type with connector Light-ON/Dark- ON NPN Infrared LED 5 0.2 Connector PM-K54 Small K-Type with connector Light-ON/Dark- ON NPN Infrared LED 5 0.2 Connector PM-L54 Small L-Type with connector Light-ON/Dark- ON NPN Infrared LED 5 0.2 Connector U-shaped Micro Photoelectric Sensor PM-R54 Small R-Type with connector Light-ON/Dark- ON NPN Infrared LED 5 0.2 Connector PM-T54 Small T-Type with connector Light-ON/Dark- ON NPN Infrared LED 5 0.2 Connector PM-Y54 Small Y-Type with connector Light-ON/Dark- ON NPN Infrared LED 5 0.2 Connector PM-K54 PM-K54P Sensor PM-K54 PM-K54P Sensor PM-K54 PM-K54P Sensor Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes Operation indicator (Vermilion) Beam axis Beam axis 2-"3.2 "0.126 mounting holes 2-"3.8 "0.150 mounting holes 6.4 0.252 6.4 0.252 5 0.197 5 0.197 22.2 0.874 22.2 0.874 6.8 0.268 6.8 0.268 5.5 0.217 5.5 0.217 7 0.276 7 0.276 2.9 0.114 2.9 0.114 8.5 0.335 8.5 0.335 13.4 0.528 13.4 0.528 5 0.197 5 0.197 11 0.433 11 0.433 19 0.748 19 0.748 19 0.748 19 0.748 25.4 1.000 25.4 1.000 3.5 0.138 3.5 0.138 1 0.039 1 0.039 13.8 0.543 13.8 0.543 |
Similar Part No. - PM-R54 |
|
Similar Description - PM-R54 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |