Electronic Components Datasheet Search
  English  ▼

X  

PQ15RW21 Datasheet(PDF) 3 Page - Sharp Corporation

Part # PQ15RW21
Description  Low Power-Loss Voltage Regulators
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ15RW21 Datasheet(HTML) 3 Page - Sharp Corporation

  PQ15RW21 Datasheet HTML 1Page - Sharp Corporation PQ15RW21 Datasheet HTML 2Page - Sharp Corporation PQ15RW21 Datasheet HTML 3Page - Sharp Corporation PQ15RW21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Low Power-Loss Voltage Regulators
PQ15RW08/PQ15RW11/PQ15RW21
Fig. 5 Overcurrent Protection
Characteristics (Typical Value)
(PQ15RW08)
0
0.5
1.0
1.5
2.0
100
80
40
60
20
0
Output current IO (A)
VIN=Vo+2V
VIN=Vo+5V
VIN=Vo+1V
Vo=3.3V
Fig. 8 Output Voltage Adjustment
Characteristics
100
0
40
20
60
80
0
0.5
1.0
1.5
2.0
2.5
VIN=15V
VIN=10V
Output current IO (A)
VIN=5V
Vo=3.3V
Fig. 7 Overcurrent Protection
Characteristics (Typical Value)
(PQ15RW21)
0
1.0
2.0
3.0
4.0
5
4
2
3
1
0
Output current IO (A)
Vo=3.3V
Vi-o=1V
Vi-o=0.5V
Vi-o=3V
Vi-o=2V
Fig. 6 Overcurrent Protection
Characteristics (Typical Value)
(PQ15RW11)
102
103
104
105
R2 (
Ω)
R1=2k
Ω
0
5
10
15
s Typical Application
2k
Ω
VO
CO
DC input
+
R2
R1
1
4
3
2
Load
Vin



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com