Electronic Components Datasheet Search
  English  ▼

X  

PS1000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PS1000
Description  Electronic Pressure Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS1000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PS1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Unit: mm
- +
30
PS1000-R06L
MADE IN JAPAN G
AIRCHECKER
Air Checker:
Electronic Pressure Switch
Applicable fluid: Air, Non-corrosive gas, Non-flammable gas
Series
PS1000
/1100/1200
New
New
RoHS
Compact/lightweight
electronic pressure switch
Addition of vacuum range
(−14.5 to 0 psi) (−100 to 0 kPa)
Easy adjustment of pressure setting trimmer
Positive pressure
adjustment range
14.5 psi
(–100 kPa)
PS1200 (For vacuum)
0 psi
(0 kPa)
14.5 psi
(–0.1 MPa)
0 psi
(0 MPa)
PS1000/1100
65 psi/ 58 psi
(0.45 MPa/0.4 MPa)
Easy mounting
Plug-in reducer port for
One-touch fittings
2-wire type
Applicable to either NPN or PNP output
High visibility
A large LED display for an easily
visible switch
Switch output
Max. operating pressure
Set pressure range
Fluid
Indicator light
Temperature characteristics
Repeatability
Hysteresis
Load voltage
Load current
Leakage current
Internal voltage drop
Operating temperature range
Insulation resistance
Withstand voltage
Weight
Port size
Enclosure
Lead wire Note)
Wetted parts material
Standards
Model
PS1200
73 psi (500 kPa)
-14.5 to 0 psi (–100 to 0 kPa)
10% F.S. or less
PS1000
Present pres. Setting pres.: ON
-14.5 to 65 psi (–0.1 to 0.45 MPa)
PS1100
-14.5 to 58 psi (–0.1 to 0.4 MPa)
Air/Non-corrossive gas/Non-flammable gas
ON: When red LED turns on
3% F.S.
1% F.S.
12 to 24 VDC 10%, Ripple (p-p) 10% or less
5 to 40 mA
1 mA or less
5 V or less
32 to 140°F (0 to 60 C) (No condensation)
2 M or more (500 VDC measured via megohmmeter) between terminals and housing
1000 VAC (in 50/60 Hz) for 1 minute between terminals and housing
5 g (Excluding lead wire)
R06: ø6 reducer, R07: 1/4" reducer
IP40
Pressured sensor part: Silicon, Body part: PBT, O-ring: HNBR
CE (Option), RoHS
Specifications
145 psi (1 MPa)
4% F.S. or less
Grommet oil-resistant vinyl cabtire code 2 cores, ø2.55, 3 m,
Cross section: 0.18 mm2, Insulator O.D.: 0.96 mm
Note) For wiring, refer to the Operation Manual on our website, http://www.smcworld.com
Present pres. Setting pres.: ON
Refer to Best Pneumatics No. 6 for Pressure Switch Precautions, and the
Operation Manual on our website for Specific Product Precautions.
[Option]
PS1000 ForPositive
Pressure
PS1200 ForVacuum
PS1100 ForVacuum,
Residual Pressure
New
New
New
New
220
Vacuum
adjustment
range
CAT.NAS100-23B


Similar Part No. - PS1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS1000 ETC-PS1000 Datasheet
1Mb / 12P
PM1000 Wattmeter - Power Analyzer
logo
Compact Technology Corp...
PS1000FL CTC-PS1000FL Datasheet
240Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results

Similar Description - PS1000

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
OEMEPS10-50-2 SENSORTECHNICS-OEMEPS10-50-2 Datasheet
78Kb / 4P
Miniature electronic pressure controllers
VSOEPS10-50-15 SENSORTECHNICS-VSOEPS10-50-15 Datasheet
98Kb / 4P
Electronic pressure controllers
logo
Copal Electronics
PS40 COPAL-PS40 Datasheet
1Mb / 1P
ELECTRONIC PRESSURE SWITCH
PS6 COPAL-PS6 Datasheet
1Mb / 4P
ELECTRONIC PRESSURE SWITCH
PS8 COPAL-PS8 Datasheet
146Kb / 3P
Pressure Switch
PS91 COPAL-PS91 Datasheet
1Mb / 3P
Electronic pressure switch
logo
TT Electronics.
PAC50 TTELEC-PAC50 Datasheet
300Kb / 1P
Electronic pressure switch for pneumatic applications
logo
Festo Corporation.
8000210 FESTO-8000210 Datasheet
111Kb / 1P
Pressure switch
152616 FESTO-152616 Datasheet
91Kb / 1P
Pressure switch
7/13/22
192488 FESTO-192488 Datasheet
103Kb / 2P
Pressure switch
7/13/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com