Electronic Components Datasheet Search
  English  ▼

X  

PS1200 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS1200
Description  Electronic Pressure Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS1200 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS1200 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS1200 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMC Corporation of America
10100 SMC Blvd., Noblesville, IN 46060
www.smcusa.com
SMC Pneumatics (Canada) Ltd.
www.smcpneumatics.ca
(800) SMC.SMC1 (762-7621)
e-mail: sales@smcusa.com
For International inquiries: www.smcworld.com
© 2012 SMC Corporation of America, All Rights Reserved.
All reasonable efforts to ensure the accuracy of the information detailed in this catalog were made at the time of publishing. However, SMC can in no way warrant the information herein contained as specifications are subject to change without notice.
QX-RRD-5M
How to Order
Switch Specifications
Set pressure
PS1000/PS1100
PS1200
t
PS1000 ON
OFF
PS1100 ON
OFF
58 (0.4)
29 (0.2)
0
–14.5 (–0.1)
Set pressure
t
PS1200 ON
OFF
0
–7.25 (–50)
–14.5 (–100)
RoHS
[Option]
Q
R06 L
PS
00
10
Output specifications
10
11
12
For positive pressure
For vacuum and residual pressure
For vacuum
Piping specifications
R06
R07
ø6 reducer
1/4" reducer
L
3 m
Lead wire length
The PS1200 series is CE-
compliant (with Q) only.
Option (CE-compliant )
Nil
Q
None
CE-compliant
Use the pressure setting trimmer to set
ON pressure.
Rotate clockwise to increase the set
pressure. For setting vacuum, rotate
counterclockwise.
To set, use a flat head screwdriver
suited for the groove of the trimmer,
and rotate it lightly with finger tip.
Rotation angle of the trimmer is 220 .
There is a stop provided to prevent the trimmer from rotating beyond its limits.
Rotation beyond the limit can damage the trimmer. Adjust the trimmer gently
within the rotation angle.
+
–
High
pressure
High
vacuum
Pressure setting
trimmer
220
Left end adjustment limit Right end adjustment limit
Setting of Pressure Switch
Trimmer
- +
30
25.5
3000
Pressure setting trimmer
LED indicator
PS1000-R06L
MADE IN JAPAN G
AIRCHECKER
ø6 reducer
1/4" reducer
Dimensions
KQ2H/L/T/S/Y06-M5
KQ2H/L07-M5
Other Series KQ2/KS
Series KJ
Dimensions
A
16
16
13
16
Applicable One-touch fittings
The switch turns ON
when the set
pressure is reached
or exceeded.
The switch turns ON
when at the set
pressure or below.
The switch turns
ON when at the
set pressure or
below.
Addition of PS1200 (For vacuum)
QS
Revision history
Edition B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com