Electronic Components Datasheet Search
  English  ▼

X  

NAWS Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NAWS
Description  Surface Mount Aluminum Electrolytic Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NAWS Datasheet(HTML) 1 Page - NIC-Components Corp.

  NAWS Datasheet HTML 1Page - NIC-Components Corp. NAWS Datasheet HTML 2Page - NIC-Components Corp. NAWS Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Aluminum Electrolytic Capacitors NAWS Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• LOW PROFILE 4MM HEIGHT
• LOAD LIFE (1,000 HOURS @ +105°C)
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
CHARACTERISTICS
Rated Voltage Rating
6.3 ~ 50Vdc
Rated Capacitance Range
1.0 ~ 100
μF
Operating Temp. Range
-40 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current
After 2 Miuntes @ 20°C
0.01CV or 3
μA
whichever is greater
Dissipation Factor
W.V. (Vdc)
6.3
10
16
25
35
50
S.V. (Vdc)
8.0
13
20
32
44
63
Tan
δ @ 120Hz/20°C
0.38
0.32
0.20
0.16
0.14
0.14
Low Temperature
Stability
Impedance Ratio @ 120Hz
W.V. (Vdc)
6.3
10
16
25
35
50
Z-25°C/Z+20°C
4
3
2
2
2
2
Z-40°C/Z+20°C
10
8
6
4
4
4
Load Life Test @ 105°C
1,000 hours
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than ±300% of the specified maximum value
Leakage Current
Less than the specified maximum value
NAWS 101 M 6.3V 6.3x4 J B F
RoHS Compliant
Termination/Packaging Code
Reflow Temperature Code
Size in mm
Working Voltage
Tolerance Code M=20%
Capacitance Code in
μF, first 2 digits are significant
Third digit is no. of zeros, “R” indicates decimal for
values under 10
μF
Series
PART NUMBER SYSTEM
Cap.
(
μF) Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
1.0
1R0
-----
5X4
2.2
2R2
-----
5X4
3.3
3R3
-----
5X4
4.7
4R7
-
-
-
5X4
5X4
5X4
10
100
-
-
5X4
5X4
5X4
6.3X4
22
220
5X4
5X4
5X4
6.3X4
6.3X4
-
6.3X4
33
330
5X4
5X4
6.3X4
6.3X4
-
-
6.3X4
47
470
5X4
6.3X4
6.3X4
-
-
-
6.3X4
68
680
6.3X4
-----
100
101
6.3X4
-----
DIMENSIONS (mm) AND REEL QUANTITIES
Case Size
φD±0.5 L max. A±0.2 B±0.2 I±0.3
W
P±0.2 Qty/Reel
5x4
5.0
4.0
5.3
5.3
2.3
0.5 ~ 0.8
1.4
1,000
6.3x4
6.3
4.0
6.6
6.6
2.6
0.5 ~ 0.8
2.2
1,000
0.3mm max.
D
φ
L
+
-
I
I
W
P
A
B
Code
Peak Reflow
Temperature
J
240°C
Code
Finish & Reel Size
B
Sn-Bi Finish & 13" Reel
PEAK REFLOW
TEMPERATURE CODES
STANDARD VALUES AND CASE SIZES (mm)
TERMINATION FINISH &
PACKAGING OPTIONS CODES
SAC Alloy Compatible
240°C
*See Part Number System for Details
PN
b
S
fD
il
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NAWS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS100M16V5X4JBF NIC-NAWS100M16V5X4JBF Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWS100M25V5X4JBF NIC-NAWS100M25V5X4JBF Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWS100M35V5X4JBF NIC-NAWS100M35V5X4JBF Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWS100M50V63X4JBF NIC-NAWS100M50V63X4JBF Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWS101M63V63X4JBF NIC-NAWS101M63V63X4JBF Datasheet
97Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NAWS

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACK NIC-NACK Datasheet
48Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NACNW NIC-NACNW Datasheet
172Kb / 1P
Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACVF NIC-NACVF_14 Datasheet
85Kb / 2P
Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com