Electronic Components Datasheet Search
  English  ▼

X  

74AHC05 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74AHC05
Description  HEX INVERTER WITH OPEN DRAIN OUTPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC05 Datasheet(HTML) 3 Page - Diodes Incorporated

  74AHC05 Datasheet HTML 1Page - Diodes Incorporated 74AHC05 Datasheet HTML 2Page - Diodes Incorporated 74AHC05 Datasheet HTML 3Page - Diodes Incorporated 74AHC05 Datasheet HTML 4Page - Diodes Incorporated 74AHC05 Datasheet HTML 5Page - Diodes Incorporated 74AHC05 Datasheet HTML 6Page - Diodes Incorporated 74AHC05 Datasheet HTML 7Page - Diodes Incorporated 74AHC05 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
74AHC05
Document number: DS35340 Rev. 3 - 2
3 of 8
www.diodes.com
January 2013
© Diodes Incorporated
74AHC05
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
0
VCC
V
Δt/ΔV
Input Transition Rise or Fall Rate
VCC = 3.0V to 3.6V
100
ns/V
VCC = 4.5V to 5.5V
20
TA
Operating Free-Air Temperature
-40
+125
°C
Note:
5. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Max
Min
Max
VIH
High-Level Input
Voltage
2.0V
1.5
1.5
V
3.0V
2.1
2.1
5.5V
3.85
3.85
VIL
Low-Level Input
Voltage
2.0V
0.5
0.5
V
3.0V
0.9
0.9
5.5V
1.65
1.65
VOL
Low-Level Output
Voltage
IOL = 50μA
2.0V
0.1
0.1
V
IOL = 50μA
3.0V
0.1
0.1
IOL = 50μA
4.5V
0.1
0.1
IOL = 4mA
3.0V
0.44
0.55
IOL = 8mA
4.5V
0.44
0.55
IOZ
Z State
Leakage Current
VO = 0 to 5.5V
5.5V
±2.5
±10
μA
II
Input Current
VI = GND to 5.5V
3.6V
±1
±2
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
3.6V
20
40
μA
Operating Characteristics
Parameter
Test
Conditions
VCC = 2.0V
VCC = 3.3V
VCC = 5V
Unit
Typ
Typ
Typ
Cpd
Power Dissipation
Capacitance per Gate
f = 1 MHz
4.3
4.8
5.6
pF
Ci
Input Capacitance
Vi = VCC – or GND
4.0
4.0
4.0
pF
Switching Characteristics
Symbol
Parameter
Test
Conditions
Vcc
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ.
Max
Min
Max
Min
Max
tPD
Propagation
Delay AN to YN
Figure 1
CL = 15pF
3.0V to 3.6V
0.5
4.5
7.9
0.5
9.5
0.5
10.0
ns
4.5V to 5.5V
0.5
3.2
5.5
0.5
6.5
0.5
7.0
Figure 1
CL = 50pF
3.0V to 3.6V
0.5
6.0
11.4
0.5
13.0
0.5
14.5
4.5V to 5.5V
0.5
4.5
7.5
0.5
8.5
0.5
9.5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com