Electronic Components Datasheet Search
  English  ▼

X  

NGD-C Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NGD-C
Description  Multilayer Chip Diplexers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGD-C Datasheet(HTML) 2 Page - NIC-Components Corp.

  NGD-C Datasheet HTML 1Page - NIC-Components Corp. NGD-C Datasheet HTML 2Page - NIC-Components Corp. NGD-C Datasheet HTML 3Page - NIC-Components Corp. NGD-C Datasheet HTML 4Page - NIC-Components Corp. NGD-C Datasheet HTML 5Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
Specifications are subject to change
NGD_C Series
Multilayer Chip Diplexers
Part Number
Standard Values - Case Size 0603 (1.6 x 0.8 x 0.6mm)
Frequency
Range
Impedance
(Ω)
Frequency
(MHz)
Max. IL in BW
@ 25°C (dB)
Ripple in
BW @
25°C (dB)
Max. VSWR
in BW @
25°C (dB)
Min.
Attenuation
@ 25°C (dB)
NGD0603C2R450G1TRF
Low
50
2400 ~ 2500
1.0
0.5
2.0
-
4800 ~ 6000
-
-
-
18
7200 ~ 7500
-
-
-
18
High
2400 ~ 2500
-
-
-
18
4900 ~ 5900
1.6
1.0
2.0
-
9800 ~ 11800
-
-
-
15
NGD0603C2R450G2TRF
Low
50
2400 ~ 2500
1.0
0.5
2.0
-
4800 ~ 6000
-
-
-
18
7200 ~ 7500
-
-
-
18
High
2400 ~ 2500
-
-
-
18
4900 ~ 5900
1.6
1.0
2.0
-
9800 ~ 11800
-
-
-
15
NGD0603C Size
PIN
(1)
(2)
(3)
(4)
(5)
(6)
NGD0603C2R450G1TRF
High
Ground
Low
Ground
Common
Ground
NGD0603C2R450G2TRF
Low
High
(1)
(2)
(3)
(6)
(5)
(4)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com