Electronic Components Datasheet Search
  English  ▼

X  

THS4281DBVT Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # THS4281DBVT
Description  VERY LOW-POWER, HIGH-SPEED, RAIL-TO-RAIL INPUT AND OUTPUT VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

THS4281DBVT Datasheet(HTML) 22 Page - Texas Instruments

Back Button THS4281DBVT Datasheet HTML 18Page - Texas Instruments THS4281DBVT Datasheet HTML 19Page - Texas Instruments THS4281DBVT Datasheet HTML 20Page - Texas Instruments THS4281DBVT Datasheet HTML 21Page - Texas Instruments THS4281DBVT Datasheet HTML 22Page - Texas Instruments THS4281DBVT Datasheet HTML 23Page - Texas Instruments THS4281DBVT Datasheet HTML 24Page - Texas Instruments THS4281DBVT Datasheet HTML 25Page - Texas Instruments THS4281DBVT Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
P
Dmax +
Tmax–TA
q
JA
where:
PDmax is the maximum power dissipation in the amplifier (W).
Tmax is the absolute maximum junction temperature (°C).
TA is the ambient temperature (°C).
θJA = θJC + θCA
θJC is the thermal coefficient from the silicon junctions to the
case (
°C/W).
θCA is the thermal coefficient from the case to ambient air
(
°C/W).
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
−40
−20
0
20
40
60
80
100
8-pin SOIC (D) Package
8-pin MSOP
(DGK) Package
5-pin SOT23
(DBV) Package
TA − Free-Air Temperature − °C
θJA = 97.5°C/W for 8-Pin SOIC (D)
θJA = 180.8°C/W for 8-Pin MSOP (DGK)
θJA = 255.4°C/W for 5-Pin SOT−23 (DBV)
TJ = 125°C, No Airflow
THS4281
SLOS432A – APRIL 2004 – REVISED NOVEMBER 2009
www.ti.com
4. Connections to other wideband devices on
THERMAL ANALYSIS
the board should be made with short direct
The THS4281 does not incorporate automatic thermal
traces or through onboard transmission lines.
shutoff protection, so the designer must take care to
For short connections, consider the trace and the
ensure that the design does not violate the absolute
input to the next device as a lumped capacitive
maximum junction temperature of the device. Failure
load. Relatively wide traces (50 mils to 100 mils)
may
result
if
the
absolute
maximum
junction
should be used, preferably with ground and
temperature of +150° C is exceeded. For long-term
power planes opened up around them. Low
dependability, the junction temperature should not
parasitic capacitive loads (< 4 pF) may not need
exceed +125°C.
an R(ISO), because the THS4281 is nominally
compensated to operate at unity gain (+1 V/V)
The thermal characteristics of the device are dictated
with a 2-pF capacitive load. Higher capacitive
by the package and the PCB. Maximum power
loads without an R(ISO) are allowed as the signal
dissipation for a given package can be calculated
gain increases. If a long trace is required, and the
using the following formula.
6-dB signal loss intrinsic to a doubly terminated
transmission line is acceptable, implement a
matched
impedance
transmission
line
using
microstrip or stripline techniques (consult an ECL
design handbook for microstrip and stripline
layout techniques). A matching series resistor into
the trace from the output of the THS4281 is used
as well as a terminating shunt resistor at the input
of the destination device. Remember also that the
terminating impedance is the parallel combination
of the shunt resistor and the input impedance of
the
destination
device:
this
total
effective
impedance should be set to match the trace
impedance.
If
the
6-dB
attenuation
of
a
doubly-terminated
transmission
line
is
unacceptable,
a
long
trace
can
be
series-terminated at the source end only. Treat
the trace as a capacitive load in this case, and
use a series resistor (R(ISO) = 10 Ω to 100 Ω, as
noted above) to isolate the capacitive load. If the
input impedance of the destination device is low,
there is signal attenuation due to the voltage
divider formed by R(ISO) into the terminating
impedance. A 50-
Ω environment is normally not
necessary
onboard,
and
in
fact
a
higher
impedance environment improves distortion as
shown in the distortion versus load plots.
5. Socketing a high-speed part like the THS4281
is not recommended. The additional lead length
and pin-to-pin capacitance introduced by the
Figure 76. Maximum Power Dissipation vs
socket
can
create
a
troublesome
parasitic
Ambient Temperature
network which can make it almost impossible to
achieve a smooth, stable frequency response.
When determining whether or not the device satisfies
Best results are obtained by soldering the
the maximum power dissipation requirement, it is
THS4281 onto the board.
important to consider not only quiescent power
space
dissipation, but also dynamic power dissipation. Often
maximum power dissipation is difficult to quantify
space
because the signal pattern is inconsistent, but an
estimate of the RMS value can provide a reasonable
analysis.
22
Submit Documentation Feedback
Copyright © 2004–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4281



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com