Electronic Components Datasheet Search
  English  ▼

X  

2DA1971 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # 2DA1971
Description  400V PNP HIGH VOLTAGE SWITCHING TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1971 Datasheet(HTML) 4 Page - Diodes Incorporated

  2DA1971 Datasheet HTML 1Page - Diodes Incorporated 2DA1971 Datasheet HTML 2Page - Diodes Incorporated 2DA1971 Datasheet HTML 3Page - Diodes Incorporated 2DA1971 Datasheet HTML 4Page - Diodes Incorporated 2DA1971 Datasheet HTML 5Page - Diodes Incorporated 2DA1971 Datasheet HTML 6Page - Diodes Incorporated 2DA1971 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2DA1971
Document number: DS35669 Rev: 2 – 2
4 of 7
www.diodes.com
August 2012
© Diodes Incorporated
2DA1971
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
-400
-
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 8)
BVCEO
-400
-
-
V
IC = -1mA
Emitter-Base Breakdown Voltage
BVEBO
-7
-
-
V
IE = -100µA
Collector-Emitter Cut-off Current
ICES
-
-
-100
nA
VCE = -320V
Collector Cut-off Current
ICBO
-
-
-100
nA
VCB = -320V
Emitter Cut-off Current
IEBO
-
-
-100
nA
VEB = -6V
Static Forward Current Transfer Ratio (Note 8)
hFE
140
140
-
450
400
-
IC = -20mA, VCE = -5V
IC = -100mA, VCE = -5V
Collector-Emitter saturation Voltage (Note 8)
VCE(sat)
-
-
-250
mV
IC = -100mA, IB = -10mA
-400
IC = -200mA, IB = -40mA
Base-Emitter saturation Voltage (Note 8)
VBE(sat)
-
-0.75
-0.9
V
IC = -100mA, IB = -10mA
Base-Emitter Turn-On Current (Note 8)
VBE(on)
-
-
-0.8
V
IC = -200mA, VCE = -10V
Transition frequency
fT
-
75
-
MHz
IC = -50mA, VCE = -5V,
f = 50MHz
Collector Output Capacitance
Cobo
-
19
-
pF
VCB = -10V, IE = 0, f = 1MHz
Delay Time
t(d)
-
89
-
ns
VCC = -200V, IC = -100mA,
IB1 = -10mA, IB2 = 20mA
Rise Time
t(r)
-
111
-
ns
Storage Time
t(s)
-
2165
-
ns
Fall Time
t(f)
-
185
-
ns
Notes:
8. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com