Electronic Components Datasheet Search
  English  ▼

X  

CHIP-980-P50 Datasheet(PDF) 1 Page - Roithner LaserTechnik GmbH

Part # CHIP-980-P50
Description  Laser Diode Bare Chip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

CHIP-980-P50 Datasheet(HTML) 1 Page - Roithner LaserTechnik GmbH

  CHIP-980-P50 Datasheet HTML 1Page - Roithner LaserTechnik GmbH CHIP-980-P50 Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10.08.2010
chip_980_p50.doc
1 of 2
CHIP-980-P50


Similar Part No. - CHIP-980-P50

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
CHIP-1310-P5 ROITHNER-CHIP-1310-P5 Datasheet
62Kb / 2P
Laser Diode Bare Chip
CHIP-650-P5 ROITHNER-CHIP-650-P5 Datasheet
256Kb / 3P
Laser Diode Bare Chip
More results

Similar Description - CHIP-980-P50

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
B60C-1060-01 BOOKHAM-B60C-1060-01 Datasheet
761Kb / 4P
60W 10xxnm High Power Bare Laser Diode Bar
logo
Vishay Siliconix
RMK508N VISHAY-RMK508N Datasheet
107Kb / 3P
Bare Chip Resistor Network
06-Oct-08
logo
Roithner LaserTechnik G...
CHIP-1310-P5 ROITHNER-CHIP-1310-P5 Datasheet
62Kb / 2P
Laser Diode Bare Chip
CHIP-650-P5 ROITHNER-CHIP-650-P5 Datasheet
256Kb / 3P
Laser Diode Bare Chip
ELC-660-23-1 ROITHNER-ELC-660-23-1 Datasheet
531Kb / 1P
LED bare chip die
logo
Emcore Corporation
G1033-035 EMCORE-G1033-035 Datasheet
410Kb / 3P
1550 nm GPON Laser Diode Chip
G1033-032 EMCORE-G1033-032 Datasheet
410Kb / 3P
1490 nm GPON Laser Diode Chip
logo
Silicon Supplies
1N4617 SS-1N4617 Datasheet
308Kb / 3P
Bare Die Zener Diode
logo
WeEn Semiconductors
WB45SD160AL WEEN-WB45SD160AL Datasheet
502Kb / 7P
Standard diode - Bare die
logo
ams AG
SPLDS90A AMSCO-SPLDS90A_3 Datasheet
592Kb / 12P
Chip Nanostack Pulsed Laser Diode
Version 1.4 2021-06-30
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com