Electronic Components Datasheet Search
  English  ▼

X  

AB098C20W Datasheet(PDF) 2 Page - Roithner LaserTechnik GmbH

Part # AB098C20W
Description  High Power Single Bar CW Infrared Laser Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

AB098C20W Datasheet(HTML) 2 Page - Roithner LaserTechnik GmbH

  AB098C20W Datasheet HTML 1Page - Roithner LaserTechnik GmbH AB098C20W Datasheet HTML 2Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
20.09.2010
AB098C20W
2 of 2
Package Dimensons
Unit:mm
Notes
1. High power laser diode arrays are high energy laser devices. It is harmful to human body
and health. Never look directly into the laser output port!
2. The storage temperature is between –40 and 85 °C.
3. In generally, the lifetime can be shortened by high temperature. So the generated heat
must be removed in time when the LD is working. The water cooling system, forced air
cooling or TEC system are recommended to keeping the LD at a suitable temperature.
4. Constant-current power supply with voltage regulator should be used to avoid surge. To
use a laser diode in following sequences: Turn on the power supply; connect to the laser
diode; increase the current gradually, and then turn off the power. Please make sure that
the power supply has no current overshoot at any time. The current overshoot can
damage the laser diodes permanently.
5. The high power laser diode arrays are very sensitive to electrostatic. Please wear
anti-static bracelet during operating with the laser diode arrays.
6. Be sure that the operating current does not exceed the specified operating current.
Otherwise it will accelerate laser aging, shorten lifetime or even damage devices
permanently.
7. A clean, dry and ventilated environment should be available when storing and operating
laser diode arrays. Dust may degrade the laser diode arrays.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com