Electronic Components Datasheet Search
  English  ▼

X  

SE01 Datasheet(PDF) 1 Page - AVX Corporation

Part # SE01
Description  Extended Commercial Radial Range
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

SE01 Datasheet(HTML) 1 Page - AVX Corporation

  SE01 Datasheet HTML 1Page - AVX Corporation SE01 Datasheet HTML 2Page - AVX Corporation SE01 Datasheet HTML 3Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
67
SMPS Capacitors (SE Style)
Extended Commercial Radial Range
SE
01
3
C
125
M
A
A
*
Style
Size
See chart
below
Voltage
25V = 3
50V = 5
100V = 1
Temperature
Coefficient
X7R = C
Capacitance
Code
(2 significant
digits + no.
of zeros)
22 nF = 223
220 nF = 224
1 μF = 105
100 μF = 107
Capacitance
Tolerance
X7R: K = ±10%
M = ±20%
Z = +80, -20%
Test
Level
A = Standard
B = Hi-Rel*
Leads
A = Tin/Lead
R = RoHS
Compliant
Packaging
(See Note 1)
Note 1: No suffix signifies bulk packaging,
which is AVX standard packaging.
Parts available tape and reel per EIA-
468. Use suffix “TR1” if tape & reel is
required.
Note: Capacitors with X7R dielectrics are not intended for applications across
AC supply mains or AC line filtering with polarity reversal. Contact plant for
recommendations.
*Hi-Rel screening consists of 100% Group A, Subgroup 1 per MIL-PRF-39014.
PRODUCT OFFERING – X7R
AVX SE styles offer capacitance extension to popular SK ranges. The CV
product for SE-series, X7R capacitors (TCC: ±15% over -55 to +125°C)
compares favorably to high CV ranges offered by other suppliers in much
less stable Y5U dielectric (TCC: +22/-56% over -30 to +85°C). SE style
capacitors are conformally coated and are designed for input and output
filtering applications in switch mode power supplies.
Temperature Coefficient
X7R: Temperature Coefficient ±15%, -55° to +125°C
Capacitance Test (MIL-STD-202 Method 305)
X7R: 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
Dissipation Factor 25°C
X7R: 2.5% Max @ 25°C, 1.0±0.2 Vrms (open circuit voltage) at 1KHz
Insulation Resistance 25°C (MIL-STD-202 Method 302)
X7R: 100K MΩ or 1000 MΩ-μF, whichever is less.
Insulation Resistance 125°C (MIL-STD-202 Method 302)
X7R: 10K MΩ or 100 MΩ-μF, whichever is less.
Dielectric Withstanding Voltage 25°C (Flash Test)
X7R: 250% rated voltage for 5 seconds with 50 mA max
charging current.
Life Test (1000 hrs)
X7R: 200% rated voltage at +125°C
Moisture Resistance (MIL-STD-202 Method 106)
X7R: Ten cycles with no voltage applied.
Thermal Shock (MIL-STD-202 Method 107, Condition A)
Immersion Cycling (MIL-STD-202 Method 104, Condition B)
Resistance To Solder Heat (MIL-STD-202, Method 210,
Condition B, for 20 seconds)
ELECTRICAL SPECIFICATIONS
TAPE & REEL QUANTITY
Part
Pieces
SE01
2000
SE03/SE53
1000
SE04/SE54
1000
SE05/SE55
500
SE06/SE56
500
RoHS
Part
Available
SE01
Yes
SE03/SE53
Yes
SE04/SE54
Yes
SE05/SE55
Yes
SE06/SE56
Yes
HOW TO ORDER
Not RoHS Compliant
For RoHS compliant products,
please select correct termination style.
Performance of SMPS capacitors can be simulated by downloading SpiCalci software program -
http://www.avx.com/SpiApps/default.asp#spicalci
Custom values, ratings and configurations are also available.


Similar Part No. - SE01

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
SE01 AVX-SE01 Datasheet
92Kb / 2P
SMPS Capacitors (SE Style) Extended Commercial Radial Range
logo
List of Unclassifed Man...
SE011 ETC2-SE011 Datasheet
996Kb / 3P
PT-100 Temperature Sensors
logo
Pico Technology Ltd.
SE011 PICO-SE011 Datasheet
6Mb / 9P
High-accuracy platinum resistance data logger
SE011 PICO-SE011 Datasheet
922Kb / 2P
PT-104 Data Logger
logo
AVX Corporation
SE011C107KAA AVX-SE011C107KAA Datasheet
76Kb / 2P
SMPS Capacitors (SE Style)
More results

Similar Description - SE01

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
HC-49US-DN ECS-HC-49US-DN Datasheet
157Kb / 1P
Extended Temp Range Crystal
logo
AVX Corporation
SE01 AVX-SE01 Datasheet
92Kb / 2P
SMPS Capacitors (SE Style) Extended Commercial Radial Range
SK01 AVX-SK01 Datasheet
94Kb / 2P
SMPS Capacitors (SK Style) Commercial Radial Range
SE053C186KAR AVX-SE053C186KAR Datasheet
112Kb / 2P
SMPS Capacitors Extended Commercial Radial Range
SK017C153KAR AVX-SK017C153KAR Datasheet
94Kb / 2P
Commercial Radial Range
logo
Vicor Corporation
110V VICOR-110V Datasheet
611Kb / 14P
Extended temperature range
logo
Tadiran Batteries GmbH
SL-550 TADIRN-SL-550 Datasheet
290Kb / 1P
Extended temperature range
SL-560 TADIRN-SL-560 Datasheet
299Kb / 1P
Extended temperature range
SL-561 TADIRN-SL-561 Datasheet
296Kb / 1P
Extended temperature range
TLH-2450 TADIRN-TLH-2450 Datasheet
359Kb / 1P
Extended temperature range
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com