Electronic Components Datasheet Search
  English  ▼

X  

SS25-TP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # SS25-TP
Description  Lead Free Finish/Rohs Compliant (Note1) (
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SS25-TP Datasheet(HTML) 1 Page - Micro Commercial Components

  SS25-TP Datasheet HTML 1Page - Micro Commercial Components SS25-TP Datasheet HTML 2Page - Micro Commercial Components SS25-TP Datasheet HTML 3Page - Micro Commercial Components SS25-TP Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS22
THRU
SS210
2 Amp Schottky
Rectifier
20 to 100 Volts
Features
•
Low Forward Voltage
•
Low Forward Voltage
•
Guard Ring Protection
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance
: RthjL-15
°C/W; Rthja-
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SS22
SS22
20V
14V
20V
SS23
SS23
30V
21V
30V
SS24
SS24
40V
28V
40V
SS25
SS25
50V
35V
50V
SS26
SS26
60V
42V
60V
SS28
SS28
80V
56V
80V
SS210
SS210
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
2.0A
TJ = 100
°C
0.5mA
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
TJ = 25
°C
Typical Junction
Capacitance
SS22
SS23-SS210
CJ
230pF
50pF
Measured at
1.0MHz, VR=4.0V
*Pulse test: Pulse width 300
µsec, Duty cycle 2%
Maximum
Instantaneous
Forward Voltage
SS22-SS24
SS25-SS26
SS28-SS210
VF
.55V
.70V
.85V
IFM = 2.0A;
TJ = 25
°C*
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
DO-214AC
(SMA) (High Profile)
H
J
E
F
G
A
B
D
C
Cathode Band
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.078
.116
1.98
2.95
B
.067
.089
1.70
2.25
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.035
.055
.89
1.40
F
.065
.09
6
1.65
2.
45
G
.205
.224
5.21
5.69
H
.160
.180
4.06
4.57
J
.100
.112
2.57
2.84
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision:
C
20
11/11/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)
Note:
1.
High Temperature Solder Exemptions Applied, see EU Directive Annex 7.
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
73
°C/W
NOT RECOMMENDED FOR NEW DESIGNS
USE SS22-LTP~SS210-LTP SERIES


Similar Part No. - SS25-TP

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SS25-A-A-A MURATA-PS-SS25-A-A-A Datasheet
190Kb / 4P
5 Vdc Input, 3.3 Vdc Output DC/DC Converter
SS25-A-B-A MURATA-PS-SS25-A-B-A Datasheet
190Kb / 4P
5 Vdc Input, 3.3 Vdc Output DC/DC Converter
SS25-B-A-A MURATA-PS-SS25-B-A-A Datasheet
190Kb / 4P
5 Vdc Input, 3.3 Vdc Output DC/DC Converter
SS25-B-B-A MURATA-PS-SS25-B-B-A Datasheet
190Kb / 4P
5 Vdc Input, 3.3 Vdc Output DC/DC Converter
logo
Micro Commercial Compon...
SS25-L MCC-SS25-L Datasheet
332Kb / 5P
2 Amp Schottky Rectifier 20 to 200 Volts
More results

Similar Description - SS25-TP

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SK34B-TP MCC-SK34B-TP Datasheet
309Kb / 4P
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
SK36B-TP MCC-SK36B-TP Datasheet
309Kb / 4P
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
SK106-TP MCC-SK106-TP Datasheet
299Kb / 4P
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
SS16E-TP MCC-SS16E-TP Datasheet
234Kb / 3P
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
SS18-TP MCC-SS18-TP Datasheet
208Kb / 3P
Lead Free Finish/Rohs Compliant (Note1) P Suffix designates
logo
List of Unclassifed Man...
DB107-BP ETC2-DB107-BP Datasheet
412Kb / 3P
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
FS1ME-TP ETC2-FS1ME-TP Datasheet
291Kb / 4P
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates Compliant. See ordering information)
logo
Micro Commercial Compon...
MBR10U45L MCC-MBR10U45L Datasheet
748Kb / 3P
Lead Free Finish/RoHS Compliant
MBR860ULPS MCC-MBR860ULPS Datasheet
353Kb / 2P
Lead Free Finish/RoHS Compliant
logo
Shanghai Leiditech Elec...
MBRX120 LEIDITECH-MBRX120 Datasheet
657Kb / 5P
Lead Free Finish/RoHS Compliant (Note1)("P"Suffix designates Compliant. See ordering information)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com