Electronic Components Datasheet Search
  English  ▼

X  

SI2433 Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # SI2433
Description  V.90, V.34, V.32BIS ISOMODEM CHIPSET WITH INTEGRATED GLOBAL DAA
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI2433 Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button SI2433 Datasheet HTML 35Page - List of Unclassifed Manufacturers SI2433 Datasheet HTML 36Page - List of Unclassifed Manufacturers SI2433 Datasheet HTML 37Page - List of Unclassifed Manufacturers SI2433 Datasheet HTML 38Page - List of Unclassifed Manufacturers SI2433 Datasheet HTML 39Page - List of Unclassifed Manufacturers SI2433 Datasheet HTML 40Page - List of Unclassifed Manufacturers SI2433 Datasheet HTML 41Page - List of Unclassifed Manufacturers SI2433 Datasheet HTML 42Page - List of Unclassifed Manufacturers SI2433 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Si2456/33/14
Rev. 1.2
39
24
Sleep Inactivity Time—Sets the time that the modem
operates in normal power mode with no activity on the
serial port, parallel port, or telephone line before enter-
ing low-power sleep mode. This feature is disabled if
the timer is set to 0.
0
0–255
seconds
30
Disconnect Activity Timer—Sets the length of time that
the modem stays online before disconnecting with no
activity on the serial port, parallel port, or telephone
line (Ring, hookswitch flash, or caller ID). This feature
is disabled if set to 0.
0
0–255
minutes
38
Hang Up Delay Time—Maximum delay between
receipt of ATH0 command and hang up. If time out
occurs before all data can be sent, the NO CARRIER
(3) result code is sent (operates in V.42 mode only).
“OK” response is sent if all data is transmitted before
timeout. S38 = 255 disables timeout and modem dis-
connects only if data is successfully sent or carrier is
lost.
20
0–255
seconds
40
Data Pattern - Data pattern generated during &T4 and
&T5 transmit tests.
0 – All spaces (0s)
1 – All marks (1s)
2 – Random data
0
0–2
—
41
V.34 symbol rate - Symbol rate for V.34 when using the
&T4 and &T5 commands.
0 – 2400
symbols/second
1 – 2743
symbols/second
2 – 2800
symbols/second
3 – 3000
symbols/second
4 – 3200
symbols/second
5 – 3429
symbols/second
A valid combination of symbol rate (S41) and data rate
(&G) must be selected.
Symbol Rate
Allowable Data Rates
2400
2400 – 21600
2743
4800 – 26400
2800
4800 – 26400
3000
4800 – 28800
3200
4800 – 31200
3429
4800 – 33600
0
0–5
—
Table 13. S-Register Descriptions (Continued)
Definition
S-Register
(Decimal)
Function
Default
(Decimal)
Range
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com