Electronic Components Datasheet Search
  English  ▼

X  

FDR-1 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FDR-1
Description  The next generation of the worldwide accepted standard
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FDR-1 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button FDR-1 Datasheet HTML 3Page - List of Unclassifed Manufacturers FDR-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers FDR-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers FDR-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers FDR-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers FDR-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers FDR-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers FDR-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers FDR-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
14
NC3MXX-14
NC3FXX-14
NC3MXX-14-B
NC3FXX-HA-BAG
NC3MXX-HA
NC3FXX-HA
NC3MXX-HA
NC3FXX-14
innovative
solutions
I superior quality
XLR
Cable
Connectors
XLR
Cable
Connectors
• Special version of the XX Series XLR cable connector for
large diameter cables
• Incorporates all the features of the XX product series
• Rear boot features large opening for use with cable O.D.
8.0 - 10.0 mm
• Bulk packed; must be ordered in multiples of 100
Large cable outlet
Ergonomic latch
design
Neutrik hologram
XX-14 Series
• 3 pin XX Series with crimp contacts
• Accommodates wire size AWG 24 - 22 or 0.22 – 0.34 mm2
• Utilize standard B-type crimp tool (acc. IEC 60352-2)
• Absolute leadfree and solderless connection:
- RoHs compliance
- health and eco-friendly
• Fast and easy assembly
• Gas-tight connection offers a constant contact resistance
• Ideal solution for field and on-site termination
XX Crimp Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com