Electronic Components Datasheet Search
  English  ▼

X  

SM4124 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SM4124
Description  Surface Mount Wirewound Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SM4124 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SM4124 Datasheet HTML 1Page - List of Unclassifed Manufacturers SM4124 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Rev Date: 05/20/2014
2
www.seielect.com
This specification may be changed at any time without prior notice
marketing@seielect.com
Please confirm technical specifications before you order and/or use.
SM/SMH Series
Surface Mount Wirewound Resistor
Stackpole Electronics, Inc.
Resistive Product Solutions
1
2
3
4
5
6
7
8
9
10
11
12
S
M
4
1
2
4
F
T
1
K
0
0
Test
Results
Moisture Resistance
±1%
Thermal Shock
±0.5%
Load Life @ 70ºC - 1,000 hrs.
±1%
Resistance to Soldering Heat
±1
Terminal Strength
±0.5%
Dielectric Withstanding Voltage
±0.001% / V
Short Time Overload
±0.2%
Operating Temperature Range: -55ºC to +275ºC
0
100
80
60
40
20
-55ºC
70ºC
-60
-40
0
40
80
275
°C
Ambient Temperature (ºC)
200
240
280
320
120
160
Size
SM
2615
Code
Tol
Code
Quantity
SMH
4124
B
0.1%
1,500
NSM
4527
D
0.5%
800
(H)4527
F
1%
1,200
6227
J
5%
750
8035
Z
Jumper
350
0.1 ohm = R100
Standard
Non-inductive
T
2W
2W
1W
3W
3W
High Power
10 Kohm = 10K0
Zero ohm jumper = 0R00
4W
8035
13" Reel
Plastic Tape
Four characters with the
multiplier used as the
decimal holder.
"L" used as multiplier
of 10
-3 for any value
under 0.1 ohm.
4124
4527, H4527
6227
2615
0.01 ohm = 10L0
Description
Size
Product Series
Power
Tolerance
Resistance Value
Packaging
Power Derating Curve:
How to Order
Performance Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com