| Electronic Components Datasheet Search |
|
AX200799 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
AX200799 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers |
|
16 / 35 page ![]() COMMERCIAL NETWORKING — OPT IC AL FIBE R 16.16 For more information, contact Belden T echnical Support: 1-800-BELDEN-1 • www .belden.com Fiber Express Outlets MDVO Multimedia Outlet Boxes & Modules and Multi-User Outlet Boxes MDVO Multimedia Outlet Box The MDVO Multimedia Outlet Box brings unique versatility for multimedia work area installations. The box design provides cable management and helps maintain cable bend radius. The outlet box’s low profile design and side-entry offers better protection for patch cords. The outlet box can accept up to six EZ-MDVO, GigaFlex or MDVO Multimedia Modules or three SC Duplex adapters. The MDVO Multimedia Outlet Box can be mounted directly on the wall or attached to standard electrical boxes. Included with the MDVO Multimedia box are three SC Duplex Mounting bezels and three MDVO Adapters. MDVO Multimedia Modules MDVO Multimedia Modules address audio/video and fiber applications. Fiber modules are available for LC Duplex, SC Simplex, ST Compatible multimode and MT-RJ multimode & single-mode connections. The SC Duplex Adapter is a fiber adapter sleeve with flanges that mounts into the SC Duplex mounting bezel (included in the MDVO Multimedia Outlet box). Audio/video modules are available for SVHS, RCA, BNC and Video F connections. Multi-User Outlet Box The Multi-User Outlet Box is a versatile box that can be used in many different applications. The outlet box can accommodate up to 24 connections of any type, UTP, fiber or coax. The outlet box is ideal for use as a multi-user telecommunications assembly, or simply as a high-density multimedia telecommunications outlet. The Multi-User Outlet Box can also be used as a wall mounted patch panel in confined areas, such as shallow rooms and cabinets. Gray Almond White Black Fiber Express Outlets MDVO Multimedia Outlet Box 6-port A0643205 A0643206 A0643207 A0643208 Please note that SC Duplex adapters must be ordered separately (A0649254). MDVO Multimedia Module LC Duplex Multimode AX102209 AX102210 AX102211 AX102212 LC Duplex Single-mode AX102213 AX102214 AX102215 AX102216 SC Simplex, Multimode, Blue insert A0407003 A0407004 A0407005 A0407006 SC Duplex Adapter, Multimode A0649254 ST Compatible, Multimode A0407007 A0407008 A0407009 A0407010 MT-RJ, Multimode AX101467 MT-RJ, Single-mode, Blue AX101466 Custom multimedia connectors are also available, please contact Customer Service for more details. Multi-User Outlet Box 24-port AX100219 AX100220 AX100221 AX100222 These products are in the process of being assessed for RoHS compliance. Please check our Web Site for the most current RoHS status. Belden Part Number Description A0643205 MDVO Multimedia Outlet Box, shown here as terminated A0407005 MDVO SC Fiber Module A0649254 SC Duplex Adapter AX101467 MDVO MT-RJ Fiber Module AX100222 Multi-User Outlet Box, shown here with modules A0407010 MDVO ST Compatible Fiber Module |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |