Electronic Components Datasheet Search
  English  ▼

X  

AX102248 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX102248
Description  Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX102248 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX102248 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX102248 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX102248 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Safety Listing:
Bi-national Standard Listed
Suitability
Suitability - Indoor:
Yes
Transmission Characteristics (Connectivity)
Notes (Overall)
Notes: For proper installation refer to Installation Guide PX103826. Visit our web site at http://www.belden.com
Product Family
Part Numbers:
Item Number
Stainless Steel __Dark Gray__ ___Almond___ ____Black____ ____Ivory____ __Elec. White__
1-Port w/ ID Windows Single-gang
AX104230
-
AX103922
AX104160
-
AX102660
2-Port w/ ID Windows Single-gang
AX104231
-
AX103923
AX104161
AX104197
AX102655
4-Port w/ ID Windows Single-gang
AX104232
AX104464
AX102248
AX104163
AX104198
AX102249
6-Port w/ ID Windows Single-gang
AX104233
-
AX102250
AX104164
AX104199
AX102251
12-Port w/ ID Windows Double-gang AX104234
-
AX102256
AX104166
AX104200
AX102257
1-Port Single-gang
AX102006
-
-
-
-
-
2-Port Single-gang
AX102007
-
-
-
-
-
4-Port Single-gang
AX102009
-
-
-
-
-
6-Port Single-gang
AX102010
-
-
-
-
-
12-Port Double-gang
AX102013
-
-
-
-
-
Wall Mount Phone Plates
AX102005
-
-
-
-
AX102902
Single-gang Back Box 1.89 in.
-
-
AX104127
-
-
AX102657
Double-gang Back Box 1.89 in.
-
-
AX104130
-
-
AX104131
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
AX102248
1 EA
0.066 LB
KCONN FACEPLATE 4-PORT SG ALM
Revision Number: 1
Revision Date: 04-13-2012
© 2012 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Page 2 of 2
09-04-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
AX102248 Faceplates and Panels - KeyConnect Faceplates 4-Port w/ID Windows Single-Gang



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com