Electronic Components Datasheet Search
  English  ▼

X  

SP690T/805T Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP690T/805T
Description  3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP690T/805T Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP690T/805T Datasheet HTML 5Page - Sipex Corporation SP690T/805T Datasheet HTML 6Page - Sipex Corporation SP690T/805T Datasheet HTML 7Page - Sipex Corporation SP690T/805T Datasheet HTML 8Page - Sipex Corporation SP690T/805T Datasheet HTML 9Page - Sipex Corporation SP690T/805T Datasheet HTML 10Page - Sipex Corporation SP690T/805T Datasheet HTML 11Page - Sipex Corporation SP690T/805T Datasheet HTML 12Page - Sipex Corporation SP690T/805T Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
SP690T/S/R JAN 30-06
SP690T/S/R, 802/T/S/R, 804T/S/R, 805T/S/R Low Power Microprocessor Supervisory
© 2006 Sipex Corporation
Figure 15A. SP690A RESET Response Time
Figure 15B. Circuit for the SP690A/802L RESET
Response Time
GND
RESET
VCC
30pF
VCC
10K
Ω
TA = +25 C
Figure 13A. SP690A RESET Output Voltage vs.
Supply Voltage
Figure 13B. Circuit for the SP690A/802L RESET
Output Voltage vs. Supply Voltage
Figure 14A. SP805L RESET Output Voltage vs.
Supply Voltage
Figure 14B. Circuit for the SP805 RESET Output
Voltage vs. Supply Voltage
GND
RESET
VCC
330pF
VCC
10K
Ω
VBATTERY
VCC
GND
RESET
VCC
330pF
VCC
2K
Ω
RESET
VBATTERY = 0V
TA = +25 C
0V
0V
1
T
V
CC
2V
div
1 sec / div
RESET
0
3.1V
[
T
]
T
1
1V / div
3.1V
2V
RESET
10
µS / div
V
CC
0V
0V
1
1V
div
RESET
V
CC
1 sec /div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com